Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP024V060W1BA Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # DRP024V060W1BA
Description  60W 1Phase CliQ ll DIN Rail
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V060W1BA Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button DRP024V060W1BA Datasheet HTML 2Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 9Page - Delta Electronics, Inc. DRP024V060W1BA Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Switch Mode Power Supply
DRP024V060W1BA
6/13
Rev: 00,
1/10/2011
Engineering Data
 Derating Curve (Both of Horizontal and Vertical)
o
Model: DRP024V060W1BA
Note:
1. Do not use the device in areas outside
of the shaded portion shown in the
above
graph.
Internal
parts
may
gradually
deteriorate
and
become
damaged.
2. Based on the above graph, if the
ambient temperature is greater than
50°C, the output capacity has to be
reduced
by
2.5%
per
Celsius
temperature increase. If not, the device
will
go
into
over-temperature
protection by switching off i.e. device
will go into bouncing mode. It will
recover when ambient temperature
drops to 50°C or output capacity is
reduced as recommended in the graph.
3. If the device has to be mounted in any
other direction, please contact your
service provider for more details.
4. In order for the device to function in
the manner intended, it is also
necessary to observe a lateral spacing
of 2cm from other equipments.
5. Depending on the ambient temperature
and output capacity of the device, the
device housing can be very hot!
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
-20
-10
0
10
20
30
40
50
60
70
80
Ambient Temperature (C)


Similar Part No. - DRP024V060W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
logo
Powerbox
DRP024V060W1BN POWERBOX-DRP024V060W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
logo
Delta Electronics, Inc.
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
   Universal AC input voltage range
More results

Similar Description - DRP024V060W1BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V060W3AA DELTA-DRP024V060W3AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 3 Phase
DRP012V060W1AA DELTA-DRP012V060W1AA Datasheet
972Kb / 2P
   CliQ Din Rail Power Supply 12V 60W 1 Phase
DRP024V060W1AA DELTA-DRP024V060W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase
DRP024V060W1AZ DELTA-DRP024V060W1AZ Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 60W 1 Phase Plastic
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com