Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP024V120W1AA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DRP024V120W1AA
Description  CliQ DIN Rail Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V120W1AA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DRP024V120W1AA_14 Datasheet HTML 1Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 2Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V120W1AA_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
24V 120W 1 Phase / DRP024V120W1AA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 03)
4
Safety Standards / Directives
Electrical Equipment in Power Installations
EN 50178 / IEC 62103
Electrical Safety
SIQ to EN 60950-1, UL/cUL recognized to UL 60950-1
and CSA C22.2 No. 60950-1, CSA to CSA C22.2 No.
60950-1 and UL 60950-1, CB scheme to IEC 60950-1
Industrial Control Equipment
UL/cUL listed to UL 508 and CSA C22.2 No. 107.1-01,
CSA to CSA C22.2 No. 107.1-01 (File No. 181564)
Hazardous Location / ATEX
cCSAus to CSA C22.2 No. 213-M1987 and ANSI / ISA
12.12.01:2007
Class I, Division 2, Group A, B, C, D T4, Ta= -20°C to
+80°C (> +50°C derating)
EN 60079-0:2009, EN 60079-15:2010 (
II 3G Ex nA
IIC T4 Gc, Ta= -20°C to +80°C (> +50°C derating))
II 3G ATEX 94/9/EC;
IECEx test report
Certificate No. EPS 09 ATEX 1 215 X;
For IEC 60079-0, IEC 60079-15
CE
In conformance with EMC Directive 2004/108/EC and
Low Voltage Directive 2006/95/EC
Material and Parts
RoHS Directive 2011/65/EU Compliant
Galvanic Isolation
Input to Output
4.0KVac
Input to Ground
1.5KVac
Output to Ground
1.5KVac
EMC
EMC / Emissions
CISPR 22, EN 55022, EN 55011, FCC Title 47: Class B
Immunity to
EN 55024, EN 61000-6-1
Electrostatic Discharge
IEC 61000-4-2
Level 4 Criteria A
1)
Air Discharge: 15kV
Contact Discharge: 8kV
Radiated Field
IEC 61000-4-3
Level 3 Criteria A
1)
80MHz-1GHz, 10V/M, 80% modulation (1kHz)
Electrical Fast Transient / Burst
IEC 61000-4-4
Level 3 Criteria A
1)
2kV
Surge
IEC 61000-4-5
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 2kV
Conducted
IEC 61000-4-6
Level 3 Criteria A
1)
150kHz-80MHz, 10Vrms
Power Frequency Magnetic Fields
IEC 61000-4-8
Criteria A
1)
100A/Meter
Voltage Dips
IEC 61000-4-11
100% dip; 1 cycle (20ms); Self Recoverable
Low Energy Pulse Test (Ring Wave)
IEC 61000-4-12
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 1Kv
Harmonic Current Emission
IEC/EN 61000-3-2, Class A
Voltage Fluctuation and Flicker
IEC/EN 61000-3-3
Voltage Sag Immunity
SEMI F47 - 0706, at 130Vac
1) Criteria A: Normal performance within the specification limits
2) Asymmetrical: Common mode (Line to earth)
3) Symmetrical: Differential mode (Line to line)


Similar Part No. - DRP024V120W1AA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V120W1AA DELTA-DRP024V120W1AA Datasheet
2Mb / 2P
   CliQ Din Rail Power Supply 24V 120W 1 Phase
More results

Similar Description - DRP024V120W1AA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V480W1AA DELTA-DRP024V480W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com