Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4510 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4510
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510 Datasheet(HTML) 2 Page - Texas Instruments

  LM4510 Datasheet HTML 1Page - Texas Instruments LM4510 Datasheet HTML 2Page - Texas Instruments LM4510 Datasheet HTML 3Page - Texas Instruments LM4510 Datasheet HTML 4Page - Texas Instruments LM4510 Datasheet HTML 5Page - Texas Instruments LM4510 Datasheet HTML 6Page - Texas Instruments LM4510 Datasheet HTML 7Page - Texas Instruments LM4510 Datasheet HTML 8Page - Texas Instruments LM4510 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
1
2
3
4
5
10
9
8
7
6
Die-Attach Pad: GND
SW
PGND
VIN
EN
SS
Top View
Bottom View
VOUT
N/C
FB
COMP
AGND
IOUT (mA)
100
90
80
70
60
50
40
0 5 10 15 20 25 30 35 40 45 50 55 60 65 70
VIN = 5.5V
VIN = 4.5V
VIN = 2.7V
VIN = 3.6V
LM4510
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM4510 features advanced short-circuit protection to maximize safety during output to ground short
condition. During shutdown the feedback resistors and the load are disconnected from the input to prevent
leakage current paths to ground.
The LM4510 is available in a 10-pin thermally enhanced Leadless Leadframe Package: SON-10.
Figure 2. Efficiency at VOUT = 16V
Connection Diagram
Figure 3. SON-10 No Pullback Package, 3mm x 3mm x 0.8mm
See Package Number DSC0010A
Pin Descriptions
Name
Pin
Description
SW
1
Switch pin. Drain connections of both internal NMOS and PMOS devices.
PGND
2
Power ground
VIN
3
Analog and Power supply input. Input range: 2.7V to 5.5V.
EN
4
Enable logic input. HIGH= Enabled, LOW=Shutdown.
SS
5
Soft-start pin
AGND
6
Analog ground
COMP
7
Compensation network connection.
2
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4510


Similar Part No. - LM4510

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
National Semiconductor ...
LM4510SD NSC-LM4510SD Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510SD/NOPB TI1-LM4510SD/NOPB Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
National Semiconductor ...
LM4510SDX NSC-LM4510SDX Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
More results

Similar Description - LM4510

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
LM4510 TI-LM4510_15 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
logo
ON Semiconductor
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com