Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4510SDXNOPB Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4510SDXNOPB
Description  LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4510SDXNOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4510SDXNOPB Datasheet HTML 6Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 7Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 8Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 9Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 10Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 11Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 12Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 13Page - Texas Instruments LM4510SDXNOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
OFF
ON
ON
OFF
+
- +-
PWM
NMOS
PMOS
VOUT
GND
VSW1
+
-
COUT
RLOAD
LM4510
SNVS533C – SEPTEMBER 2007 – REVISED MAY 2013
www.ti.com
OPERATION IN SYNCHRONOUS CONTINUOUS CONDUCTION MODE (CYCLE 1, CYCLE 2)
Figure 24. Schematic of Synchronous Boost Converter
Synchronous boost converter is shown in Figure 24. At the start of each cycle, the oscillator sets the driver logic
and turns on the NMOS power device and turns off the PMOS power device.
Cycle 1 Description
Refer to Figure 25. NMOS switch turn-on
→ Inductor current increases and flows to GND.
PMOS switch turn-off
→ Isolate VOUT from SW → Output capacitor supplies load current.
Figure 25. Equivalent Circuit During Cycle 1
During operation, EAMP output voltage (VCOMP) increases for larger loads and decreases for smaller loads.
When the sum of the ramp compensation and the sensed NMOS current reaches a level determined by the
EAMP output voltage, the PWM COMP resets the logic, turning off the NMOS power device and turning on the
PMOS power device.
Cycle 2 Description
Refer to Figure 26. NMOS Switch turn-off
→ PMOS Switch turn-on→ Inductor current decreases and flows
through PMOS
→ Inductor current recharges output capacitor and supplies load current.
Figure 26. Equivalent Circuit During Cycle 2
After the switching period the oscillator then sets the driver logic again repeating the process.
10
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM4510


Similar Part No. - LM4510SDXNOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4510SDX NSC-LM4510SDX Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Texas Instruments
LM4510SDX/NOPB TI1-LM4510SDX/NOPB Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
More results

Similar Description - LM4510SDXNOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4510 TI1-LM4510 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
LM4510 TI-LM4510_15 Datasheet
5Mb / 30P
[Old version datasheet]   LM4510 Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
National Semiconductor ...
LM4510 NSC-LM4510 Datasheet
2Mb / 18P
   Synchronous Step-Up DC/DC Converter with True Shutdown Isolation
logo
Maxim Integrated Produc...
MAX1795 MAXIM-MAX1795 Datasheet
397Kb / 13P
   Low Supply Current, Step-Up DC-DC Converters with True-Shutdown
19-1798; Rev 0; 12/00
logo
Shenzhen Huazhimei Semi...
HM6382 HMSEMI-HM6382 Datasheet
996Kb / 10P
   Synchronous step-up DC/DC Converter
logo
ACE Technology Co., LTD...
ACE701CC ACE-ACE701CC Datasheet
882Kb / 11P
   Synchronous Step-Up DC/DC Converter
VER 1.2
logo
AiT Semiconductor Inc.
A7530A AITSEMI-A7530A Datasheet
557Kb / 7P
   DC-DC CONVERTER/BOOST (STEP-UP) SYNCHRONOUS PFM STEP-UP DC-DC CONVERTER
REV1.1
logo
List of Unclassifed Man...
FT435X ETC2-FT435X Datasheet
178Kb / 9P
   PFM Synchronous Step-up DC/DC Converter
logo
Torex Semiconductor
XC9140 TOREX-XC9140 Datasheet
980Kb / 28P
   Step-Up Synchronous PFM DC/DC Converter
logo
ON Semiconductor
NCP1421 ONSEMI-NCP1421 Datasheet
116Kb / 14P
   600 mA Sync-Rect PFM Step-Up DC-DC Converter Step-Up DC-DC Converter with True-Cutoff and Ring-Killer
October, 2004 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com