Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP024V480W1AA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DRP024V480W1AA
Description  CliQ DIN Rail Power Supply
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP024V480W1AA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DRP024V480W1AA_14 Datasheet HTML 1Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 2Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 3Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 4Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 5Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 6Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 7Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 8Page - Delta Electronics, Inc. DRP024V480W1AA_14 Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TECHNICAL DATASHEET
CliQ DIN Rail Power Supply
24V 480W 1 Phase / DRP024V480W1AA
All parameters are specified at 25°C ambient unless otherwise indicated.
www.DeltaPSU.com (May 2014, Rev. 03)
1
Highlights & Features
Universal AC input voltage
Power will not de-rate for the entire input voltage range
Power Boost of 150% for 3 seconds and 200% for 2 seconds
Full corrosion resistant aluminium chassis
SEMI F47 certified
Hazardous Locations approval to ATEX and Class I, Div 2
Safety Standards
CB Certified for worldwide use
Model Number:
DRP024V480W1AA
Unit Weight:
1.80 kg
Dimensions (L x W x D): 121 x 160 x 118.5 mm
General Description
The DRP024V480W1AA is part of the CliQ DIN rail power supply series from one of the world’s leading power supply companies, Delta
Electronics Group. The rugged metal is both shock and vibration resistant according to IEC 60068-2 standard. The product operates
within a wide temperature range from -20°C to +80°C. The DRP024V480W1AA features universal AC input voltage range from 85Vac
to 264Vac and the power will not de-rate for the entire input voltage range. The single phase power supply unit includes overvoltage,
overcurrent, over temperature and short circuit protections. The product features built-in Power Boost of 150% for 3 seconds and 200%
for 2 seconds. Such feature enables reserve power to be always available for reliable startup of loads with high inrush current, thus
eliminating the need of a more expensive power supply unit at higher power rating. Another great feature is the conformal coating on
the PCBA which allows DRP024V480W1AA to be certified to ATEX and Class I, Div 2 for use in hazardous locations.
Model Information
CliQ DIN Rail Power Supply
Model Number
Input Voltage Range
Output Voltage
Output Current
DRP024V480W1AA
85-264Vac (120-375Vdc)
24Vdc
20.0A
Model Numbering
DR
P
024V
480W
1
A
A
DIN Rail
Power Supply
Output Voltage
Output Power
Single Phase
CliQ Series
Metal Case


Similar Part No. - DRP024V480W1AA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP024V480W1AA DELTA-DRP024V480W1AA Datasheet
1Mb / 2P
   CliQ Din Rail Power Supply 24V 480W 1 Phase
More results

Similar Description - DRP024V480W1AA_14

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP012V030W1AY DELTA-DRP012V030W1AY Datasheet
689Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V100W1AA DELTA-DRP012V100W1AA_14 Datasheet
834Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AZ DELTA-DRP024V060W1AZ_12 Datasheet
807Kb / 11P
   CliQ DIN Rail Power Supply
DRP-24V48W1AZ DELTA-DRP-24V48W1AZ Datasheet
1Mb / 12P
   CliQ DIN Rail Power Supply
DRP024V240W1AA DELTA-DRP024V240W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP024V120W1AA DELTA-DRP024V120W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP012V060W1AA DELTA-DRP012V060W1AA_13 Datasheet
631Kb / 12P
   CliQ DIN Rail Power Supply
DRP012V015W1AY DELTA-DRP012V015W1AY Datasheet
694Kb / 12P
   CliQ DIN Rail Power Supply
DRP024V060W1AA DELTA-DRP024V060W1AA_14 Datasheet
1Mb / 13P
   CliQ DIN Rail Power Supply
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com