Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DRP048V060W1BN Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DRP048V060W1BN
Description  CliQ II DIN Rail Power Supply
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DRP048V060W1BN Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DRP048V060W1BN Datasheet HTML 4Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 5Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 6Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 7Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 8Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 9Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 10Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 11Page - Delta Electronics, Inc. DRP048V060W1BN Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TECHNICAL DATASHEET
CliQ II DIN Rail Power Supply
48V 60W 1 Phase / DRP048V060W1B
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (September 2013, Rev. 01)
8
Engineering Data
De-rating
Output De-rating VS. Input Voltage
Note
1.
Power supply components may degrade, or
be damaged, when the power supply is
continuously used outside the shaded region,
refer to the graph shown in Fig. 1.
2.
If the output capacity is not reduced when the
surrounding air temperature > 50°C, the
device may run into Over Temperature
Protection.
When
activated,
the
output
voltage will go into bouncing mode and will
recover
when
the
surrounding
air
temperature is lowered or the load is reduced
as far as necessary to keep the device in
working condition.
3.
In order for the device to function in the
manner intended, it is also necessary to keep
a safety distance of 20mm with adjacent units
while the device is in operation.
4.
Depending
on
the
surrounding
air
temperature and output load delivered by the
power supply, the device can be very hot!
5.
If the device has to be mounted in any other
orientation, please do not hesitate to contact
info@deltapsu.com for more details.
Fig. 1
De-rating for Vertical and Horizontal Mounting Orientation
> 50°C de-rate power by 2.5% / °C
No output power de-rating across the entire
input voltage range


Similar Part No. - DRP048V060W1BN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
logo
Powerbox
DRP048V060W1BN POWERBOX-DRP048V060W1BN Datasheet
221Kb / 2P
   Power will not de-rate for the entire input voltage range
More results

Similar Description - DRP048V060W1BN

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRP-24V100W1NN DELTA-DRP-24V100W1NN Datasheet
1Mb / 13P
   CliQ II DIN Rail Power Supply
DRP024V060W1BN DELTA-DRP024V060W1BN Datasheet
708Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V120W3BA DELTA-DRP024V120W3BA Datasheet
1,013Kb / 14P
   CliQ II DIN Rail Power Supply
DRP024V480W1BA DELTA-DRP024V480W1BA Datasheet
735Kb / 12P
   CliQ II DIN Rail Power Supply
DRP048V060W1BN DELTA-DRP048V060W1BN Datasheet
1Mb / 16P
   CliQ II DIN Rail Power Supply
DRP024V060W3BA DELTA-DRP024V060W3BA Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BA DELTA-DRP024V240W1BA Datasheet
648Kb / 12P
   CliQ II DIN Rail Power Supply
DRP024V240W3BX DELTA-DRP024V240W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V240W1BX DELTA-DRP024V240W1BX Datasheet
1Mb / 15P
   CliQ II DIN Rail Power Supply
DRP024V480W3BX DELTA-DRP024V480W3BX Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
DRP024V960W3BN DELTA-DRP024V960W3BN Datasheet
1Mb / 14P
   CliQ II DIN Rail Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com