Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDF02N60ZG Datasheet(PDF) 2 Page - ON Semiconductor

Part # NDF02N60ZG
Description  N-Channel Power MOSFET 600 V, 4.8 
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDF02N60ZG Datasheet(HTML) 2 Page - ON Semiconductor

  NDF02N60ZG Datasheet HTML 1Page - ON Semiconductor NDF02N60ZG Datasheet HTML 2Page - ON Semiconductor NDF02N60ZG Datasheet HTML 3Page - ON Semiconductor NDF02N60ZG Datasheet HTML 4Page - ON Semiconductor NDF02N60ZG Datasheet HTML 5Page - ON Semiconductor NDF02N60ZG Datasheet HTML 6Page - ON Semiconductor NDF02N60ZG Datasheet HTML 7Page - ON Semiconductor NDF02N60ZG Datasheet HTML 8Page - ON Semiconductor NDF02N60ZG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NDF02N60Z, NDD02N60Z
http://onsemi.com
2
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
NDF02N60Z
NDD02N60Z
RqJC
4.9
2.2
°C/W
Junction−to−Ambient Steady State
(Note 3) NDF02N60Z
(Note 4) NDD02N60Z
(Note 3) NDD02N60Z−1
RqJA
51
41
80
3. Insertion mounted
4. Surface mounted on FR4 board using 1″ sq. pad size, (Cu area = 1.127 in sq [2 oz] including traces).
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Test Conditions
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
VGS = 0 V, ID = 1 mA
BVDSS
600
V
Breakdown Voltage Temperature Coeffi-
cient
Reference to 25°C,
ID = 1 mA
DBVDSS/
DTJ
0.6
V/°C
Drain−to−Source Leakage Current
VDS = 600 V, VGS = 0 V
25°C
IDSS
1
mA
150°C
50
Gate−to−Source Forward Leakage
VGS = ±20 V
IGSS
±10
mA
ON CHARACTERISTICS (Note 5)
Static Drain−to−Source On−Resistance
VGS = 10 V, ID = 1.0 A
RDS(on)
4.0
4.8
W
Gate Threshold Voltage
VDS = VGS, ID = 50 mA
VGS(th)
3.0
4.0
4.5
V
Forward Transconductance
VDS = 15 V, ID = 1.2 A
gFS
1.7
S
DYNAMIC CHARACTERISTICS
Input Capacitance (Note 6)
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
Ciss
215
274
325
pF
Output Capacitance (Note 6)
Coss
25
34
45
Reverse Transfer Capacitance (Note 6)
Crss
4.0
7.0
10
Total Gate Charge (Note 6)
VDD = 300 V, ID = 2.4 A,
VGS = 10 V
Qg
5.0
10
16
nC
Gate−to−Source Charge (Note 6)
Qgs
1.5
2.4
4.0
Gate−to−Drain (“Miller”) Charge (Note 6)
Qgd
3.5
5.3
8.0
Plateau Voltage
VGP
6.4
V
Gate Resistance
Rg
4.9
W
RESISTIVE SWITCHING CHARACTERISTICS
Turn−On Delay Time
VDD = 300 V, ID = 2.4 A,
VGS = 10 V, RG = 5 W
td(on)
9.0
ns
Rise Time
tr
7.0
Turn−Off Delay Time
td(off)
15
Fall Time
tf
7.0
SOURCE−DRAIN DIODE CHARACTERISTICS (TC = 25°C unless otherwise noted)
Diode Forward Voltage
IS = 2.4 A, VGS = 0 V
VSD
1.6
V
Reverse Recovery Time
VGS = 0 V, VDD = 30 V
IS = 2.4 A, di/dt = 100 A/ms
trr
240
ns
Reverse Recovery Charge
Qrr
0.7
mC
5. Pulse Width ≤ 380 ms, Duty Cycle ≤ 2%.
6. Guaranteed by design.


Similar Part No. - NDF02N60ZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NDF02N60ZG ONSEMI-NDF02N60ZG Datasheet
168Kb / 10P
   N-Channel Power MOSFET 600 V, 4.0 
April, 2010 ??Rev. 2
NDF02N60ZG ONSEMI-NDF02N60ZG Datasheet
148Kb / 10P
   N-Channel Power MOSFET
January, 2014 ??Rev. 8
logo
VBsemi Electronics Co.,...
NDF02N60ZG VBSEMI-NDF02N60ZG Datasheet
1Mb / 9P
   Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com