Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NM93C56EM8 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # NM93C56EM8
Description  2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NM93C56EM8 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button NM93C56EM8 Datasheet HTML 5Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 6Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 7Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 8Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 9Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 10Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 11Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 12Page - Fairchild Semiconductor NM93C56EM8 Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
10
www.fairchildsemi.com
NM93C56 Rev. E
Timing Diagrams (Continued)
CS
SK
DI
DO
High - Z
High - Z
CLEARING READY STATUS
Star t
Bit
Note: This Star t bit can also be par t of a next instr uction. Hence the cycle
can be continued (instead of getting ter minated, as shown) as if a new
instr uction is being issued.
Busy
Ready
Address
Bits(8)
CS
SK
DI
DO
High - Z
tCS
ERASE CYCLE (ERASE)
Star t
Bit
93C56:
Address bits patter n -> 0-A6-A5-A4-A3-A2-A1-A0; (A6-A0 -> User defined)
Opcode
Bits(2)
1
1
1
A7
A6
A1
A0
Busy
Ready
tWP
Address
Bits(8)
CS
SK
DI
DO
High - Z
tCS
ERASE ALL CYCLE (ERAL)
Star t
Bit
93C56:
Address bits patter n -> 1-0-x-x-x-x-x-x
; (x -> Don't Care, can be 0 or 1)
Opcode
Bits(2)
1
1
1
A7
A6
A1
A0
Busy
Ready
tWP


Similar Part No. - NM93C56EM8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
NM93C56EM NSC-NM93C56EM Datasheet
290Kb / 8P
   Electrically Erasable Programmable Memories
More results

Similar Description - NM93C56EM8

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FM93C56 FAIRCHILD-FM93C56 Datasheet
114Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C56 FAIRCHILD-NM93C56 Datasheet
107Kb / 13P
   2048-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C56A FAIRCHILD-FM93C56A Datasheet
118Kb / 13P
   2K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C66 FAIRCHILD-FM93C66 Datasheet
114Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C86A FAIRCHILD-NM93C86A Datasheet
110Kb / 13P
   16K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C46A FAIRCHILD-NM93C46A Datasheet
112Kb / 13P
   1K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C06 FAIRCHILD-FM93C06 Datasheet
114Kb / 13P
   256-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66 FAIRCHILD-NM93C66 Datasheet
107Kb / 13P
   4096-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
NM93C66A FAIRCHILD-NM93C66A Datasheet
111Kb / 13P
   4K-Bit Serial CMOS EEPROM (MICROWIRE??Synchronous Bus)
FM93C46N FAIRCHILD-FM93C46N Datasheet
117Kb / 13P
   1024-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com