Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLV32T-330J Datasheet(PDF) 4 Page - TDK Electronics

Part # NLV32T-330J
Description  Inductors for Standard Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

NLV32T-330J Datasheet(HTML) 4 Page - TDK Electronics

  NLV32T-330J Datasheet HTML 1Page - TDK Electronics NLV32T-330J Datasheet HTML 2Page - TDK Electronics NLV32T-330J Datasheet HTML 3Page - TDK Electronics NLV32T-330J Datasheet HTML 4Page - TDK Electronics NLV32T-330J Datasheet HTML 5Page - TDK Electronics NLV32T-330J Datasheet HTML 6Page - TDK Electronics NLV32T-330J Datasheet HTML 7Page - TDK Electronics NLV32T-330J Datasheet HTML 8Page - TDK Electronics NLV32T-330J Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
(4/14)
INDUC
T
O
RS
001-01 / 20130731 / inductor_commercial_standard_nlv_en.fm
• All specifications are subject to change without notice.
Overview of the NLV Series
RECOMMENDED REFLOW PROFILE
Preheating
Soldering
Peak
Temp.
Time
Temp.
Time
Temp.
Time
T1
T2
t1
T3
t2
T4
t3
150°C
180°C
90 to 120s
230°C
40s
255°C
10s max.
Natural
cooling
t3
t1
Preheating
t2
Soldering
T3
T3
T4
T2
T1
t: Time
Peak


Similar Part No. - NLV32T-330J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV32T-330J-EF TDK-NLV32T-330J-EF Datasheet
182Kb / 3P
   Inductors (Coils)
NLV32T-330J-EFD TDK-NLV32T-330J-EFD Datasheet
234Kb / 3P
   Inductors (Coils)
NLV32T-330J-PF TDK-NLV32T-330J-PF Datasheet
45Kb / 3P
   For General Applications SMD
NLV32T-330J-PF TDK-NLV32T-330J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV32T-330J-PF TDK-NLV32T-330J-PF Datasheet
179Kb / 3P
   Inductors (Coils)
More results

Similar Description - NLV32T-330J

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
NLV25T-R18J-PF TDK-NLV25T-R18J-PF Datasheet
197Kb / 15P
   Inductors for Standard Circuits
NLV25T-1R2J-PF TDK-NLV25T-1R2J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLV25T-470J-PF TDK-NLV25T-470J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
NLFV25T-220K-PF TDK-NLFV25T-220K-PF Datasheet
111Kb / 7P
   Inductors for Standard Circuits
NLV25T-033J-PF TDK-NLV25T-033J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits
MLF2012A2R2K TDK-MLF2012A2R2K Datasheet
123Kb / 10P
   Inductors for Standard Circuits
NLV25T-015J-PF TDK-NLV25T-015J-PF Datasheet
217Kb / 14P
   Inductors for Standard Circuits
NLV25T-1R0J-PF TDK-NLV25T-1R0J-PF Datasheet
1Mb / 13P
   Inductors for Standard Circuits
NLV25 TDK-NLV25 Datasheet
2Mb / 14P
   Inductors for Standard Circuits Wound Ferrite
NLV25T-R10J-PF TDK-NLV25T-R10J-PF Datasheet
181Kb / 14P
   Inductors for Standard Circuits Wound Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com