Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTCS0805E4 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # NTCS0805E4
Description  SMD 0805, NTC Thermistors AgPd Terminations
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NTCS0805E4 Datasheet(HTML) 5 Page - Vishay Siliconix

  NTCS0805E4 Datasheet HTML 1Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 2Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 3Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 4Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 5Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 6Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 7Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 8Page - Vishay Siliconix NTCS0805E4 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Document Number: 29054
For technical questions, contact: nlr@vishay.com
www.vishay.com
Revision: 03-Apr-11
5
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
NTCS0805E4.../2381 615 1....
SMD 0805, NTC Thermistors AgPd
Terminations
Vishay BCcomponents
60
0.28258
- 3.28
2825.8
6.32
1.92
65
0.24031
- 3.20
2403.1
6.48
2.03
70
0.20521
- 3.12
2052.1
6.64
2.13
75
0.17594
- 3.04
1759.37
6.80
2.24
80
0.15142
- 2.96
1514.20
6.95
2.35
85
0.1308
- 2.89
1308.04
7.10
2.46
90
0.1134
- 2.82
1134.00
7.24
2.57
95
0.09865
- 2.75
986.53
7.38
2.68
100
0.08611
- 2.69
861.10
7.52
2.80
105
0.0754
- 2.62
754.04
7.65
2.92
110
0.06624
- 2.56
662.36
7.78
3.04
115
0.05836
- 2.50
583.58
7.91
3.16
120
0.05157
- 2.45
515.67
8.03
3.28
125
0.4569
- 2.39
456.94
8.15
3.41
130
0.0406
- 2.34
406.01
8.27
3.54
135
0.03617
- 2.29
361.71
8.38
3.67
140
0.03231
- 2.23
323.06
8.49
3.80
145
0.02893
- 2.19
289.26
8.60
3.93
150
0.02596
- 2.14
259.61
8.70
4.07
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 15 000 
TOPER
(°C)
CATALOG NUMBER 2381 615 13153 OR SAP NO. NTCS0805E4153JMT
RT/R25
TCR
(%/K)
RT
(
)
5 % Tol.
R/R (%)
5 % Tol.
T (K)
- 40
23.3421
- 6.06
350 131
8.46
1.40
- 35
17.336
- 5.84
260 040
8.13
1.39
- 30
13.0176
- 5.62
195 263
7.81
1.39
- 25
9.87717
- 5.42
148 158
7.50
1.38
- 20
7.56881
- 5.23
113 532
7.21
1.38
- 15
5.8546
- 5.05
87 819
6.93
1.37
- 10
4.56918
- 4.87
68 538
6.65
1.37
- 5
3.59635
- 4.71
53 945
6.39
1.36
0
2.85356
- 4.55
42 803
6.14
1.35
5
2.28163
- 4.40
34 224
5.89
1.34
10
1.83772
- 4.26
27 566
5.66
1.33
15
1.49054
- 4.12
22 358
5.43
1.32
20
1.21701
- 3.99
18 255
5.21
1.31
25
1.00
- 3.87
15 000
5.00
1.29
30
0.83154
- 3.75
12 473
5.20
1.39
35
0.69408
- 3.63
10 411
5.40
1.49
40
0.58149
- 3.53
8722.3
5.60
1.59
45
0.48893
- 3.42
7334.0
5.78
1.69
50
0.41256
- 3.32
6188.5
5.96
1.79
55
0.34933
- 3.23
5240.0
6.14
1.90
60
0.2968
- 3.14
4451.9
6.31
2.01
65
0.253
- 3.05
3794.9
6.47
2.12
70
0.21635
- 2.97
3245.3
6.63
2.24
75
0.1856
- 2.89
2784.0
6.78
2.35
80
0.15971
- 2.81
2395.7
6.94
2.47
85
0.13785
- 2.73
2067.7
7.08
2.59
90
0.11932
- 2.66
1789.8
7.22
2.71
95
0.10358
- 2.59
1553.7
7.36
2.84
100
0.09016
- 2.53
1352.4
7.50
2.97
105
0.0787
- 2.46
1180.5
7.63
3.10
RESISTANCE VALUES AT INTERMEDIATE TEMPERATURES WITH R25 AT 10 000 
TOPER
(°C)
CATALOG NUMBER 2381 615 13103 OR SAP NO. NTCS0805E4103JMT
RT/R25
TCR
(%/K)
RT
(
)
5 % Tol.
R/R (%)
5 % Tol.
T (K)


Similar Part No. - NTCS0805E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0805E4 VISHAY-NTCS0805E4 Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E4103JMT VISHAY-NTCS0805E4103JMT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E4473JXT VISHAY-NTCS0805E4473JXT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
More results

Similar Description - NTCS0805E4

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NTCS0805E4473JXT VISHAY-NTCS0805E4473JXT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E4103JMT VISHAY-NTCS0805E4103JMT Datasheet
120Kb / 12P
   SMD 0805, NTC Thermistors AgPd Terminations
Revision: 03-Apr-11
NTCS0805E3T VISHAY-NTCS0805E3T Datasheet
139Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3473JHT VISHAY-NTCS0805E3473JHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 09-Mar-11
NTCS0805E3 VISHAY-NTCS0805E3_V01 Datasheet
121Kb / 3P
   SMD 0805, Glass Protected NTC Thermistors
01-Jan-2022
NTCS0805E3473HHT VISHAY-NTCS0805E3473HHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3474JXT VISHAY-NTCS0805E3474JXT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 09-Mar-11
NTCS0805E3103JHT VISHAY-NTCS0805E3103JHT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3153JMT VISHAY-NTCS0805E3153JMT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
NTCS0805E3103HMT VISHAY-NTCS0805E3103HMT Datasheet
136Kb / 8P
   SMD 0805, Glass Protected NTC Thermistors
Revision: 08-Aug-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com