Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KBP4 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # KBP4
Description  KBP 4 Leads (In-line) Leaded Package
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

KBP4 Datasheet(HTML) 2 Page - Continental Device India Limited

  KBP4 Datasheet HTML 1Page - Continental Device India Limited KBP4 Datasheet HTML 2Page - Continental Device India Limited KBP4 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DIM
Min
Max
DIM
Min
Max
A
14.2
15.24
A
4.57
5.08
B
10.57
11.58
B
3.60
4.10
C
13.40
14.40
C
2.67
D
15.20
D
0.76
0.86
KBP_Pkg_Drawing Rev271005
KBP Leaded Plastic Package
All Dimensions are in mm
Continental Device India Limited
Data Sheet
Page 2 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - KBP4

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
KBP40-08S TAITRON-KBP40-08S Datasheet
152Kb / 4P
   40A Single-Phase in-line Bridge Rectifier
logo
DIYI Electronic Technol...
KBP4005 DYELEC-KBP4005 Datasheet
234Kb / 2P
   High current capability
logo
Guangdong Juxing Electr...
KBP4005 JUXING-KBP4005 Datasheet
386Kb / 2P
   BRIDGE RECTIFIERS
logo
Gaomi Xinghe Electronic...
KBP4005 GXELECTRONICS-KBP4005 Datasheet
469Kb / 2P
   Rectifier Reverse Voltage 50 to 1000V
logo
Shenzhen Yixinwei Techn...
KBP4005 YIXIN-KBP4005 Datasheet
323Kb / 2P
   BRIDGE RECTIFIERS
More results

Similar Description - KBP4

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
GBJ4 CDIL-GBJ4 Datasheet
80Kb / 3P
   GBJ 4 Leads (In-line) Leaded Package
KBL CDIL-KBL Datasheet
149Kb / 3P
   KBL (4 Leads) In-line Leaded Package
KBU CDIL-KBU Datasheet
144Kb / 3P
   KBU (4 Leads) In-line Leaded Package
GBU CDIL-GBU Datasheet
328Kb / 3P
   GBU (4 Leads) In-line Leaded Plastic Package
WOM CDIL-WOM Datasheet
57Kb / 3P
   WOM 4-Leads Leaded Plastic Package
KBPC CDIL-KBPC Datasheet
148Kb / 3P
   KBPC (4 Leads) Square Leaded Package
KBPC-8 CDIL-KBPC-8 Datasheet
107Kb / 3P
   KBPC-8 (4 Leads) Square Leaded Package
KBPC-W CDIL-KBPC-W Datasheet
166Kb / 4P
   KBPC-W and MP-W (4 Leads) Square Leaded Package
TO-92L CDIL-TO-92L Datasheet
320Kb / 5P
   TO-92L (3 Leads) Leaded Plastic Package
logo
NXP Semiconductors
SOT117-1 PHILIPS-SOT117-1 Datasheet
9Kb / 1P
   DIP28: plastic dual in-line package; 28 leads (600 mil)
2003 Feb 18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com