Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTLGF3501NT2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLGF3501NT2G
Description  Power MOSFET and Schottky Diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLGF3501NT2G Datasheet(HTML) 3 Page - ON Semiconductor

  NTLGF3501NT2G Datasheet HTML 1Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 2Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 3Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 4Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 5Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 6Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 7Page - ON Semiconductor NTLGF3501NT2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
NTLGF3501N
http://onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V, IS = 1.7 A
TJ = 25°C
0.8
1.15
V
TJ = 150°C
0.63
V
Reverse Recovery Time
tRR
VGS = 0 V, IS = 1.0 A ,
dIS/dt = 100 A/ms
12
ns
Charge Time
ta
8.0
Discharge Time
tb
4.0
Reverse Recovery Charge
QRR
5.0
nC
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.1 A
0.32
0.34
V
IF = 1.0 A
0.36
0.39
Maximum Instantaneous
Reverse Current
IR
VR = 5.0 V
100
mA
VR = 5 V, TJ = 100°C
12
mA
VR = 10 V
70
mA
VR = 20 V
255
6. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2%.
7. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NTLGF3501NT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLGF3402P ONSEMI-NTLGF3402P Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
NTLGF3402PT1G ONSEMI-NTLGF3402PT1G Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
NTLGF3402PT2G ONSEMI-NTLGF3402PT2G Datasheet
91Kb / 8P
   Power MOSFET and Schottky Diode ??0 V, ??.9 A FETKY, P?묬hannel, 2.0 A Schottky Barrier Diode, DFN6
March, 2006 ??Rev. 1
More results

Similar Description - NTLGF3501NT2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMD4884NF ONSEMI-NTMD4884NF Datasheet
96Kb / 7P
   Power MOSFET and Schottky Diode
March, 2008 - Rev. 0
NTHD4P02F ONSEMI-NTHD4P02F_05 Datasheet
83Kb / 7P
   Power MOSFET and Schottky Diode
November, 2005 ??Rev. 7
logo
Will Semiconductor Ltd.
WPM2005B WILLSEMI-WPM2005B Datasheet
2Mb / 6P
   Power MOSFET and Schottky Diode
logo
ON Semiconductor
NTTD4401F ONSEMI-NTTD4401F_07 Datasheet
86Kb / 8P
   Power MOSFET and Schottky Diode
January, 2007 ??Rev. 5
NTHD3101F ONSEMI-NTHD3101F Datasheet
140Kb / 7P
   Power MOSFET and Schottky Diode
March, 2006 ??Rev. 3
NTHD4N02F ONSEMI-NTHD4N02F Datasheet
64Kb / 6P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 7
NTHD4P02F ONSEMI-NTHD4P02F Datasheet
74Kb / 8P
   Power MOSFET and Schottky Diode
October, 2004 ??Rev. 4
logo
Kersemi Electronic Co.,...
IRF7521D1 KERSEMI-IRF7521D1 Datasheet
727Kb / 8P
   Power MOSFET and Schottky Diode
logo
Will Semiconductor Ltd.
WPM2005 WILLSEMI-WPM2005 Datasheet
1Mb / 8P
   Power MOSFET and Schottky Diode
WPM2006 WILLSEMI-WPM2006 Datasheet
920Kb / 8P
   Power MOSFET and Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com