Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC236 Datasheet(PDF) 2 Page - Picker Components

Part # PC236
Description  Subminiature 10 Amp and 20 Amp PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC236 Datasheet(HTML) 2 Page - Picker Components

  PC236_14 Datasheet HTML 1Page - Picker Components PC236_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC236
PC236
COIL DATA
Coil Voltage
6
9
12
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
60
135
240
960
3.6
5.4
7.3
14.4
0.6
0.9
1.2
2.4
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Tolerances + .010 unless otherwise noted
Notes:
Contact Form C shown
On Contact Forms A & B Unused Pins are Omitted
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
24
+ 10%
Standard Coil
Large Gap
45
100
180
720
0.6 W
0.8 W
Drawings are 2X actual size
(10.0)
.393
(10.2)
.402
(2.5)
.10
(12.3)
.484
(15.7)
.618
(13.7)
.539
(3.5)
.138
.051 Dia. Typ.
(1.3)


Similar Part No. - PC236_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC236-1A-12-C-0.8-F-X PICKER-PC236-1A-12-C-0.8-F-X Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-0.8-NIL-X PICKER-PC236-1A-12-C-0.8-NIL-X Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-NIL-F-X PICKER-PC236-1A-12-C-NIL-F-X Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-C-NIL-NIL-X PICKER-PC236-1A-12-C-NIL-NIL-X Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236-1A-12-S-0.8-F-X PICKER-PC236-1A-12-S-0.8-F-X Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
More results

Similar Description - PC236_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC236 PICKER-PC236_17 Datasheet
3Mb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236_15 Datasheet
542Kb / 2P
   10 Amp & 20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521_17 Datasheet
507Kb / 2P
   20 Amp Subminiature PCB Power Relay
PC521 PICKER-PC521 Datasheet
203Kb / 2P
   20 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_15 Datasheet
855Kb / 2P
   20 Amp Subminiature PCB Power Relay
PC520 PICKER-PC520_17 Datasheet
855Kb / 2P
   20 Amp Subminiature PCB Power Relay
PC835 PICKER-PC835_17 Datasheet
866Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC236 PICKER-PC236 Datasheet
174Kb / 2P
   Subminiature 10 Amp PCB Power Relay
PC415 PICKER-PC415_15 Datasheet
523Kb / 2P
   10 Amp Subminiature PCB Power Relay
PC415 PICKER-PC415_17 Datasheet
457Kb / 2P
   10 Amp Subminiature PCB Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com