Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTC-T107K4TRBF Datasheet(PDF) 6 Page - NIC-Components Corp.

Part # NTC-T107K4TRBF
Description  Tantalum Chip Capacitors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NTC-T107K4TRBF Datasheet(HTML) 6 Page - NIC-Components Corp.

  NTC-T107K4TRBF Datasheet HTML 1Page - NIC-Components Corp. NTC-T107K4TRBF Datasheet HTML 2Page - NIC-Components Corp. NTC-T107K4TRBF Datasheet HTML 3Page - NIC-Components Corp. NTC-T107K4TRBF Datasheet HTML 4Page - NIC-Components Corp. NTC-T107K4TRBF Datasheet HTML 5Page - NIC-Components Corp. NTC-T107K4TRBF Datasheet HTML 6Page - NIC-Components Corp. NTC-T107K4TRBF Datasheet HTML 7Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Tantalum Chip Capacitors
NTC-T Series
RECOMMENDED LAND
PATTERN DIMENSIONS (mm)
a
ab
c
5 ~ 10 Sec.
120
180
150
060
30
200
300
250
50
150
100
0
Flow/Reflow Soldering
Maximum Temperature/Time: Flow 260°C/5 Sec.
Reflow 260°C/10 Sec.
Case Size
a
b
c
P
1.05
0.50
1.20
A
1.35
1.10
1.50
B
1.35
1.40
2.70
C
2.00
2.90
2.70
D
2.05
4.10
2.90
D
2.05
4.10
2.90
COMPONENT MARKING
C, V, D & E Case Size
2.5V marked 2, 6.3V marked 6
B Case Size
2.5V marked 2, 6.3V marked 6
J106
Polarity Marking (anode)
A Case Size
Capacitance Code
Voltage Code
22
μ
16v
Polarity Marking (anode)
Capacitance
Voltage
Note: Component body color may be Black(white marking) or Gold (black marking).
Polarity Marking (anode)
335
G
Voltage Code
Capacitance Code
Polarity Marking (anode)
Capacitance Code
Voltage Code
J106
Polarity Marking (anode)
Capacitance
Voltage
477
6V
106 J
Polarity Marking (anode)
Capacitance Code
Voltage Code
Polarity Marking (anode)
Capacitance Code
Voltage Code
106 J
Polarity Marking (anode)
GN
Voltage Code
Capacitance Code
P Case Size


Similar Part No. - NTC-T107K4TRBF

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NTC-T107K4TRBF NIC-NTC-T107K4TRBF Datasheet
107Kb / 7P
   Tantalum Chip Capacitors
NTC-T107K4TRBF NIC-NTC-T107K4TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T107K4TRBF NIC-NTC-T107K4TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
NTC-T107K4TRBF NIC-NTC-T107K4TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
More results

Similar Description - NTC-T107K4TRBF

ManufacturerPart #DatasheetDescription
logo
EPCOS
B45294 EPCOS-B45294 Datasheet
249Kb / 5P
   Tantalum Chip Capacitors
logo
Rohm
TC_A ROHM-TC_A_11 Datasheet
933Kb / 8P
   Chip tantalum capacitors
logo
NIC-Components Corp.
NTC-T105K35TRBF NIC-NTC-T105K35TRBF Datasheet
125Kb / 7P
   Tantalum Chip Capacitors
logo
Kemet Corporation
T491B105M KEMET-T491B105M Datasheet
126Kb / 4P
   TANTALUM CHIP CAPACITORS
logo
Rohm
TCO_B ROHM-TCO_B Datasheet
136Kb / 6P
   Chip tantalum capacitors
TC_A ROHM-TC_A Datasheet
105Kb / 12P
   Chip tantalum capacitors
TCSP0G227M8R-V1 ROHM-TCSP0G227M8R-V1 Datasheet
1,017Kb / 9P
   Chip tantalum capacitors
2022.6.3 - Rev.005
logo
EPCOS
B45196L EPCOS-B45196L Datasheet
853Kb / 16P
   Tantalum Chip Capacitors
logo
Rohm
TCT_P ROHM-TCT_P Datasheet
117Kb / 7P
   Chip tantalum capacitors
TC_P ROHM-TC_P Datasheet
102Kb / 12P
   Chip tantalum capacitors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com