Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC312 Datasheet(PDF) 2 Page - Picker Components

Part # PC312
Description  Subminiature PCB Telecom Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC312 Datasheet(HTML) 2 Page - Picker Components

  PC312_14 Datasheet HTML 1Page - Picker Components PC312_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PC312
PC312
COIL DATA
Coil Voltage
5
6
12
18
24
Resistance ohms
Must Operate
Voltage Max.
(VDC)
Must Release
Voltage Min.
(VDC)
20
56
80
320
720
1280
3.75
4.50
9.00
13.5
18.00
0.5
0.6
1.2
1.8
2.4
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
PAGE 2
Note: Custom coil voltages within the ranges shown are available on special order.
Tolerances + .010 unless otherwise noted
Notes:
3
2.25
0.3
Dimensions in Inches (millimeters)
Side View
End View
Bottom View
PC Board Layout
Wiring Diagram
9
180
6.75
0.9
Drawings are 2X actual size
+ 10%
Sensitivity Code B
0.45 W
Standard Sensitivity
0.36 W
Sensitivity Code H
0.2 W
25
70
100
400
900
1600
220
45
120
180
700
1620
2800
440
.01
(2.54)
.40
(10.2)
(7.6)
.30
(3.5)
.138
(11.5)
.453
(11.0)
.433
(16.0)
.630


Similar Part No. - PC312_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC312-12 PICKER-PC312-12 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
PC312-12B PICKER-PC312-12B Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
PC312-12BS PICKER-PC312-12BS Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
PC312-12H PICKER-PC312-12H Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
PC312-12HS PICKER-PC312-12HS Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
More results

Similar Description - PC312_14

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
HG4100 DBLECTRO-HG4100 Datasheet
58Kb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC322 PICKER-PC322 Datasheet
158Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B Datasheet
171Kb / 2P
   Subminiature PCB Telecom Relay
PC312B PICKER-PC312B_14 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
logo
DB Lectro Inc
HG4516 DBLECTRO-HG4516 Datasheet
59Kb / 2P
   Subminiature PCB Telecom Relay
logo
List of Unclassifed Man...
HG4078B ETC-HG4078B Datasheet
1Mb / 2P
   Subminiature PCB Telecom Relay
logo
Picker Components
PC312 PICKER-PC312 Datasheet
173Kb / 2P
   Subminiature PCB Telecom Relay
PC322 PICKER-PC322_14 Datasheet
168Kb / 2P
   Subminiature PCB Telecom Relay
PC323 PICKER-PC323 Datasheet
177Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
PC324 PICKER-PC324_14 Datasheet
245Kb / 2P
   Subminiature PCB Telecom Relay With Bifurcated Contacts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com