Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

22-28-3088 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 22-28-3088
Description  KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 8 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

22-28-3088 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  22-28-3088 Datasheet HTML 1Page - Molex Electronics Ltd. 22-28-3088 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Current - Maximum per Contact
4A
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
42225-0288
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-42225-001
This document was generated on 07/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 22-28-3088

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-3088 MOLEX2-22-28-3088 Datasheet
201Kb / 8P
   2.54mm (.100) Pitch KK짰 Header, Breakaway, Vertical, with Polarizing Wall, 8 Circuits, 0.76關m (30關) Gold (Au) Selective Plating, with Backwalls Removed
More results

Similar Description - 22-28-3088

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
22-28-3068 MOLEX11-22-28-3068 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 6 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3078 MOLEX11-22-28-3078 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 7 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3308 MOLEX11-22-28-3308 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 30 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3338 MOLEX11-22-28-3338 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 33 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3288 MOLEX11-22-28-3288 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 28 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3348 MOLEX11-22-28-3348 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 34 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3318 MOLEX11-22-28-3318 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 31 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3298 MOLEX11-22-28-3298 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 29 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3368 MOLEX11-22-28-3368 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 36 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
22-28-3048 MOLEX11-22-28-3048 Datasheet
59Kb / 2P
   KK짰 254 Breakaway Header, Vertical, with Polarizing Wall, 4 Circuits, 0.76關m Gold (Au) Selective Plating, with Backwalls Removed
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com