Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QR806F Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # QR806F
Description  Planar structure with EPI wafer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QR806F Datasheet(HTML) 3 Page - Pan Jit International Inc.

  QR806F Datasheet HTML 1Page - Pan Jit International Inc. QR806F Datasheet HTML 2Page - Pan Jit International Inc. QR806F Datasheet HTML 3Page - Pan Jit International Inc. QR806F Datasheet HTML 4Page - Pan Jit International Inc. QR806F Datasheet HTML 5Page - Pan Jit International Inc. QR806F Datasheet HTML 6Page - Pan Jit International Inc. QR806F Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PAGE . 3
QR806/QR806F/QR806D
May 8,2014-REV.00
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
T
C, Case Temperature (°C)
ITO-220AC /
TO-252
TO-220AC /
TO-263
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
1
10
100
110
100
V
R, Reverse Bias Voltage (V)
0.01
0.1
1
10
00.5
11.5
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.5 Typical Reverse recovery time versus di/dt
0
20
40
60
80
100
120
140
160
50
100
150
200
250
300
di / dt (A/
μs)
Fig.6 Typical Reverse recovery
charges versus di/dt
0
50
100
150
200
250
300
350
400
450
50
100
150
200
250
300
di / dt (A/
μs)
VR=400V
T
J=125
oC
VR=400V
T
J=125
oC
IF=IO
IF=IO


Similar Part No. - QR806F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR806F PANJIT-QR806F Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR806F PANJIT-QR806F Datasheet
262Kb / 7P
   Planar structure with EPI wafer
More results

Similar Description - QR806F

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1506 PANJIT-QR1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR1506F PANJIT-QR1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QRT1006F PANJIT-QRT1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506F PANJIT-QRT1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR406D PANJIT-QR406D Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR1006 PANJIT-QR1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006F PANJIT-QR1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506 PANJIT-QRT1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com