Electronic Components Datasheet Search |
|
DCJPRM094 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers |
|
DCJPRM094 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers |
9 / 37 page Cinch Dura-Con D Connector Insulator Type C = Diallyl Phthalate Glass-Reinforced D = Thermoplastic Glass-Reinforced Mounting Type M = Screw Mount Metal Shell No. of Contacts 9, 15, 21, 25, 31, 37, 51, 100 Contact Type P = Pin (Plug) S = Socket (Receptacle) Wire Size in AWG 5 = 25 AWG Solid Copper 6 = 26 AWG Stranded S = Solder cup (Skip to Mounting Hardware) Wire Type C = Solid Copper (Uninsulated) E = MIL-W-16878/4, 7 Strand (Consult factory for non-standard wire types) 5-9 Call Toll Free: 1 (800) 323-9612 Dura-Con High Reliability Metal Shell .050" (1.27mm) Density Solder Cup/Wire D-Microminiature Contact Arrangements (Face view of pin insert) (Use reverse order for socket side) Shell Plating *No Letter = Yellow Chromate over Cadmium N = Electroless Nickel Mounting Hardware** B = No Hardware F = Float Mount R = Reverse Float Mount K = Jackscrew (Standard) L = Jackscrew (Low Profile) P = Jackpost, Size 9 through 51 MIL-C-83513/5-07 Size 100 MIL-C-83513/5-17 Lead Length in inches*** 00.5 Solid copper wire only 01.0 Solid copper wire only 02.0 Solid copper wire only 18.0 Stranded wire only 24.0 Stranded wire only 36.0 Stranded wire only 48.0 Stranded wire only Insulation Color or Wire Finish 1 = White *2 = Yellow (Stranded Wire) 3 = Tin-Plated *4 = Gold-Plated (Solid Wire) *5 = Color Coded Per MIL-Std. 681, System 1. (Stranded Wire Only) Ordering Information * - Indicates Cinch std. option. ** - See p. 5-12 for std. hardware dims. See p. 5-13 for non-std. hardware & p. 5-31 for Mil spec. hardware both sold separately. ***- Length Tolerance: solid wire = ± 3/32”, standard wire = ± 1/4”. DC D M 37 P 6 E 2-18.0 K N |
Similar Part No. - DCJPRM094 |
|
Similar Description - DCJPRM094 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |