Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCJPRM047 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DCJPRM047
Description  Dura-Con High Reliability All-Plastic
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DCJPRM047 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DCJPRM047 Datasheet HTML 6Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 7Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 8Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 9Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 10Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 11Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 12Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 13Page - List of Unclassifed Manufacturers DCJPRM047 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
5-10
5
Call Toll Free: 1 (800) 323-9612
Dura-Con
High Reliability
Metal Shell
.050" (1.27mm) Density
Solder Cup/Wire
D-Microminiature
Connector Dimensions - Metal Shell
A
B Max.
C
D
E
F Max.
+.010 (.254)
No. of
+ .010 (.254)
-.018 (.457)
+ .005 (.127)
+ .010 (.254)
Contacts
in
mm
in
mm
in
mm
in
mm
in
mm
in
mm
9 Plug
.775
19.68
.333
8.46
.390
9.91
.565
14.35
.298
7.57
.270
6.86
9 Socket
.775
19.68
.396
10.06
.390
9.91
.565
14.35
.298
7.57
.270
6.86
15 Plug
.925
23.50
.483
12.27
.540
13.72
.715
18.16
.298
7.57
.270
6.86
15 Socket
.925
23.50
.546
13.87
.540
13.72
.715
18.16
.298
7.57
.270
6.86
21 Plug
1.075
27.30
.633
16.08
.690
17.53
.865
21.97
.298
7.57
.270
6.86
21 Socket
1.075
27.30
.696
17.68
.690
17.53
.865
21.97
.298
7.57
.270
6.86
25 Plug
1.175
29.84
.733
18.62
.790
20.07
.965
24.51
.298
7.57
.270
6.86
25 Socket
1.175
29.84
.796
20.22
.790
20.07
.965
24.51
.298
7.57
.270
6.86
31 Plug
1.325
33.66
.883
21.16
.940
23.88
1.115
28.32
.298
7.57
.270
6.86
31 Socket
1.325
33.66
.946
24.03
.940
23.88
1.115
28.32
.298
7.57
.270
6.86
37 Plug
1.475
37.46
1.033
26.24
1.090
27.69
1.265
32.13
.298
7.57
.270
6.86
37 Socket
1.475
37.46
1.096
27.84
1.090
27.69
1.265
32.13
.298
7.57
.270
6.86
51 Plug
1.425
36.20
.983
24.97
1.040
26.42
1.215
30.86
.341
8.66
.310
7.87
51 Socket
1.425
36.20
1.046
26.57
1.040
26.42
1.215
30.86
.341
8.66
.310
7.87
100 Plug
2.160
54.86
1.383
35.13
1.432
36.38
1.800
45.71
.384
9.75
.360
9.15
100 Socket
2.160
54.86
1.446
36.73
1.432
36.38
1.800
45.71
.384
9.75
.360
9.15
Plug
Socket


Similar Part No. - DCJPRM047

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DCJ010 SANYO-DCJ010 Datasheet
70Kb / 2P
   High-Speed Switching Diode
logo
Cherry Semiconductor Co...
DCJK CHERRY-DCJK Datasheet
342Kb / 2P
   subminiature switch
logo
ITT Industries
DCJK37P-1A5N ITT-DCJK37P-1A5N Datasheet
9Mb / 301P
   D Subminiature Connectors
DCJK37P-1A6N ITT-DCJK37P-1A6N Datasheet
9Mb / 301P
   D Subminiature Connectors
DCJK37P-1A7N ITT-DCJK37P-1A7N Datasheet
9Mb / 301P
   D Subminiature Connectors
More results

Similar Description - DCJPRM047

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
DCDAXXXX BEL-DCDAXXXX Datasheet
81Kb / 2P
   DURA-CON ALL PLASTIC MICRO-D, SOLDER CUP AND WIRE TERMINATED
3/14/22
DCHMXXP6N6-36.0BN-HT1 BEL-DCHMXXP6N6-36.0BN-HT1 Datasheet
698Kb / 2P
   High Temprature ?쏡CHM??Dura-Con Micro-D Plug Connectors
logo
List of Unclassifed Man...
FZ800ED-CON-254 ETC-FZ800ED-CON-254 Datasheet
75Kb / 1P
   CON
logo
Bel Fuse Inc.
FIBRECO BEL-FIBRECO Datasheet
746Kb / 2P
   Fibreco Dura-ConTM Expanded Beam
logo
National Semiconductor ...
LM3554 NSC-LM3554 Datasheet
154Kb / 4P
   Synchronous Boost Con
logo
Glenair, Inc.
189-007NH11S GLENAIR-189-007NH11S Datasheet
214Kb / 2P
   Fiber-Con Backshell
logo
Bel Fuse Inc.
DCHMXXSCBRPN-HT1 BEL-DCHMXXSCBRPN-HT1 Datasheet
632Kb / 2P
   High Temperature ?쏡CHM??Dura- ConTM Micro-D Socket PCB Connectors
logo
Mini-Circuits
ADE-R272MH MINI-ADE-R272MH Datasheet
236Kb / 2P
   High Reliability Mixer High Reliability Mixer
logo
International Rectifier
ASA2812S IRF-ASA2812S Datasheet
104Kb / 5P
   HYBRID-HIGH RELIABILITY HYBRID-HIGH RELIABILITY
logo
Maxim Integrated Produc...
MAX6605MXK MAXIM-MAX6605MXK Datasheet
90Kb / 8P
   RELIABILITY REPORT FOR PLASTIC ENCAPSULATED DEVICES
Rev. A June 4, 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com