Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QR806D Datasheet(PDF) 6 Page - Pan Jit International Inc.

Part # QR806D
Description  Planar structure with EPI wafer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QR806D Datasheet(HTML) 6 Page - Pan Jit International Inc.

  QR806D Datasheet HTML 1Page - Pan Jit International Inc. QR806D Datasheet HTML 2Page - Pan Jit International Inc. QR806D Datasheet HTML 3Page - Pan Jit International Inc. QR806D Datasheet HTML 4Page - Pan Jit International Inc. QR806D Datasheet HTML 5Page - Pan Jit International Inc. QR806D Datasheet HTML 6Page - Pan Jit International Inc. QR806D Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
PAGE . 6
QR806/QR806F/QR806D
May 8,2014-REV.00
Part No_packing code_Version
QR806_T0_00001
QR806_T0_10001
QR806F_T0_00001
QR806F_T0_10001
QR806D_R2_00001
QR806D_R2_10001
For example :
RB500V-40_R2_00001
Part No.
Serial number
Version code means HF
Packing size code means 13"
Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1st Code
Packing size code
2nd Code HF or RoHS 1st Code 2nd~5th Code
Tape and Ammunition Box
(T/B)
A
N/A
0
HF
0
serial number
Tape and Reel
(T/R)
R
7"
1
RoHS
1
serial number
Bulk Packing
(B/P)
B
13"
2
Tube Packing
(T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B CATHODE UP
(PBCU)
U
FORMING
F
PANASERT T/B CATHODE DOWN
(PBCD)
D


Similar Part No. - QR806D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
More results

Similar Description - QR806D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1506 PANJIT-QR1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR1506F PANJIT-QR1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QRT1006F PANJIT-QRT1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506F PANJIT-QRT1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR806 PANJIT-QR806 Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR406D PANJIT-QR406D Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR1006 PANJIT-QR1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006F PANJIT-QR1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506 PANJIT-QRT1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com