Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QR1006 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # QR1006
Description  Planar structure with EPI wafer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QR1006 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  QR1006 Datasheet HTML 1Page - Pan Jit International Inc. QR1006 Datasheet HTML 2Page - Pan Jit International Inc. QR1006 Datasheet HTML 3Page - Pan Jit International Inc. QR1006 Datasheet HTML 4Page - Pan Jit International Inc. QR1006 Datasheet HTML 5Page - Pan Jit International Inc. QR1006 Datasheet HTML 6Page - Pan Jit International Inc. QR1006 Datasheet HTML 7Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PAGE . 2
QR1006/QR1006F/QR1006D
May 8,2014-REV.00
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=100
A600
-
-
V
Instantaneous forward voltage
VF
I F=1A
I F=5A
I F=10A
TJ=25oC
-
-
-
0.85
1.04
1.15
-
-
1.55
V
I F=1A
I F=5A
I F=10A
TJ=125oC
-
-
-
0.65
0.87
0.99
-
-
1.2
V
Reverse leakage current
I R
VR=600V
TJ=25oC
TJ=125oC
-
-
-
-
3
100
A
Reverse recovery time
TRR
I F=0.5A
I R=1A
I RR=0.25A
TJ=25oC-
-
45
ns
I F=1A
VR=30V
di/dt=100A/
s
TJ=25oC-
-
35
ns
I F=10A
VR=400V
di/dt=200A/
s
TJ=25oC-
55
-
ns
Peak recovery current
I RRM
I F=10A
VR=400V
di/dt=200A/
s
TJ=25oC-
4.5
-
A
Reverse recovery charge
QRR
I F=10A
VR=400V
di/dt=200A/
s
TJ=25oC-
125
-
nC


Similar Part No. - QR1006

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1006 PANJIT-QR1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006D PANJIT-QR1006D Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006F PANJIT-QR1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006F-AU PANJIT-QR1006F-AU Datasheet
303Kb / 6P
   PLANAR STRUCTURED SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - QR1006

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1506 PANJIT-QR1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR1506F PANJIT-QR1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QRT1006F PANJIT-QRT1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506F PANJIT-QRT1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR806 PANJIT-QR806 Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR406D PANJIT-QR406D Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR1006F PANJIT-QR1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506 PANJIT-QRT1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com