Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QR3006RT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # QR3006RT
Description  Planar structure with EPI wafer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

QR3006RT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  QR3006RT Datasheet HTML 1Page - Pan Jit International Inc. QR3006RT Datasheet HTML 2Page - Pan Jit International Inc. QR3006RT Datasheet HTML 3Page - Pan Jit International Inc. QR3006RT Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PAGE . 2
QR3006RT
June 26,2014-REV.00
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=100
μA600
-
-
V
Instantaneous forward voltage
VF
I F=1A
I F=5A
I F=15A
TJ=25oC
-
-
-
0.86
1.13
1.37
-
-
1.65
V
I F=1A
I F=5A
I F=15A
TJ=125oC
-
-
-
0.62
0.86
1.13
-
-
1.35
V
Reverse leakage current
I R
VR=600V
TJ=25oC
TJ=125oC
-
-
-
-
3
100
μA
Reverse recovery time
TRR
I F=0.5A
I R=1A
I RR=0.25A
TJ=25oC-
-
45
ns
I F=1A
VR=30V
di/dt=100A/
μs
TJ=25oC-
-
35
ns
I F=15A
VR=400V
di/dt=200A/
μs
TJ=25oC-
50
-
ns
Peak recovery current
I RRM
I F=15A
VR=400V
di/dt=200A/
μs
TJ=25oC-
3.5
-
A
Reverse recovery charge
QRR
I F=15A
VR=400V
di/dt=200A/
μs
TJ=25oC-
85
-
nC


Similar Part No. - QR3006RT

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QR3 QUALTEK-QR3 Datasheet
769Kb / 1P
   HEAT SHRINK MEDIUM / HEAVY WALL TUBING - ADHESIVE LINED
logo
Powerex Power Semicondu...
QR3310001 POWEREX-QR3310001 Datasheet
29Kb / 2P
   Fast Recovery Diode Module (100 Amp/3300 Volts)
QR3310002 POWEREX-QR3310002 Datasheet
29Kb / 2P
   Fast Recovery Diode Module (100 Amp/3300 Volts)
More results

Similar Description - QR3006RT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
QR1506 PANJIT-QR1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR1506F PANJIT-QR1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QRT1006F PANJIT-QRT1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506F PANJIT-QRT1506F Datasheet
236Kb / 7P
   Planar structure with EPI wafer
QR806 PANJIT-QR806 Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QR406D PANJIT-QR406D Datasheet
287Kb / 8P
   Planar structure with EPI wafer
QR1006 PANJIT-QR1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR1006F PANJIT-QR1006F Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QR806D PANJIT-QR806D Datasheet
262Kb / 7P
   Planar structure with EPI wafer
QRT1006 PANJIT-QRT1006 Datasheet
235Kb / 7P
   Planar structure with EPI wafer
QRT1506 PANJIT-QRT1506 Datasheet
236Kb / 7P
   Planar structure with EPI wafer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com