Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LL1005-FHL1N2S Datasheet(PDF) 1 Page - TOKO, Inc

Part # LL1005-FHL1N2S
Description  Multilayer Chip Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

LL1005-FHL1N2S Datasheet(HTML) 1 Page - TOKO, Inc

  LL1005-FHL1N2S Datasheet HTML 1Page - TOKO, Inc LL1005-FHL1N2S Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LL1005-FHL
Inductance Range: 1.0~100nH (E-24 Series)、特殊对应品 order production available (1.1nH, 1.3nH, 1.6nH, 2.0nH, 2.4nH,
3.0nH, 3.6nH, 4.3nH, 5.1nH, 6.2nH, 7.5nH, 9.1nH)
Temperature Coefficient of L: + 250ppm/°C (for reference only)
Inductance
Length
L (mm)
Width
W (mm)
Thickness
T (mm)
Electrode width
A (mm)
1.0 ~ 68nH
1.0
 0.05
0.5
 0.05
0.5
 0.05
0.25
 0.1
82 ~ 100nH
1.0
 0.05
0.5
 0.05
0.5
 0.1
0.25
 0.1
 Marking of polarity: Marking is on the upper Surface of the unit.
 极性标志: 标志在单元上部表面。
FEATURES
特点
 Dual frequency standard for inductance value
 Tight tolerance physical dimensions (0.05mm)
 Supports high temperature reflow soldering (260°C, 3
times)
 Expanding operating temperature range (−55°C~+125°C)
 Extended applicable frequency range (~10GHz)
 Surface mounting applicability (Supports reflow soldering)
 High reliability (ceramic integrated structure, and terminals
plated)
 RoHS compliant
 针对电感值值的双频率标准
 缩小物理尺寸公差(±0.05毫米)
 支持高温回流焊接(260°C,3次)
 扩展工作温度范围(-55°C ~ +125°C)
 扩展适用的频率范围(~ 10GHz)
 表面贴装设备适用性(支持回流焊接)
 可靠性高(陶瓷制品混合结构, 以及电镀电极)
 符合RoHS指令
ELECTRICAL CHARACTERISTICS
电气特性
 Inductance Range
1.0~100nH (E-24 Series)
 Inductance Tolerance
S ;
 0.3nH (1.0~6.2nH)
J ;
 5% (6.8~100nH)
 Q (Typical)
15~35 (at 800MHz)
 Rated Current
200~500mA
 Inductance Temperature Coefficient +250ppm/°C
(for reference only)
 Operating Temperature Range -55°C~+ 125°C
 Storage Temperature Range
-55°C~+ 125°C
 电感值范围
1.0~100nH (E-24系列)
 电感值公差
S級;
0.3nH (1.0~6.2nH)
J級 ;
5% (6.8~100nH)
 Q(典型)
15~35 (在800MHz情况下)
 额定电流値
200~500mA
 电感的感应温度系数(仅供参考)
+250ppm/°C
 使用温度范围
-55°C~+125°C
 储存温度范围
-55°C~+125°C
EXAMPLES OF CHARACTERISTICS
特性范例
continued on next page
接下页
Multilayer Chip Inductors
叠层片式电感器


Similar Part No. - LL1005-FHL1N2S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1005-FHL1N2S TOKO-LL1005-FHL1N2S Datasheet
381Kb / 2P
   Multilayer Chip Inductors
More results

Similar Description - LL1005-FHL1N2S

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com