Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-040APS15BA Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # MDS-040APS15BA
Description  MDS Medical AC-DC Open Frame
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-040APS15BA Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  MDS-040APS15BA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-040APS15BA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Open Frame
15V 40W / MDS-040APS15 BA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
5
EMC
EMC / Emissions
EN55011, EN55022, FCC Title 47: Class B
Immunity to
Voltage Flicker
EN61000-3-3
Electrostatic Discharge
IEC61000-4-2
Level 3 Criteria A
1)
Air Discharge: 8kV
Contact Discharge: 6kV
Radiated Field
IEC61000-4-3
Level 2 Criteria A
1)
80MHz-1GHz, 3V/M with 1kHz tone / 80% modulation
Electrical Fast Transient / Burst
IEC61000-4-4
Level 3 Criteria A
1)
2kV
Surge
IEC61000-4-5
Level 3 Criteria A
1)
Common Mode
2): 2kV
Differential Mode
3): 1kV
Conducted
IEC61000-4-6
Level 2 Criteria A
1)
150kHz-80MHz, 3Vrms
Power Frequency Magnetic Fields
IEC61000-4-8
Criteria A
1)
Magnetic field strength 3A/Meter
Voltage Dips
IEC61000-4-11
30% 10ms Criteria A ; 60% 100ms and 100% 5000ms
Criteria B
1) Criteria A: Normal performance within the specification limits
2) Asymmetrical: Common mode (Line to earth)
3) Symmetrical: Differential mode (Line to line)
Block Diagram


Similar Part No. - MDS-040APS15BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-040APS15B DELTA-MDS-040APS15B Datasheet
561Kb / 10P
   Medical AC-DC Open Frame
More results

Similar Description - MDS-040APS15BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-065APS12BA DELTA-MDS-065APS12BA Datasheet
650Kb / 11P
   MDS Medical AC-DC Open Frame
MDS-065APS15BA DELTA-MDS-065APS15BA Datasheet
643Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24BA DELTA-MDS-065APS24BA Datasheet
640Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19B DELTA-MDS-400AUS19B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS12B DELTA-MDS-100BPS12B Datasheet
450Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-065APS24-B DELTA-MDS-065APS24-B Datasheet
492Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-400AUS19-B DELTA-MDS-400AUS19-B Datasheet
603Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS18-B DELTA-MDS-100BPS18-B Datasheet
462Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100APS24B DELTA-MDS-100APS24B Datasheet
623Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-100BPS24-B DELTA-MDS-100BPS24-B Datasheet
591Kb / 10P
   MDS Medical AC-DC Open Frame
MDS-040APS18-B DELTA-MDS-040APS18-B Datasheet
578Kb / 10P
   MDS Medical AC-DC Open Frame
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com