Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP1-L2-DC5V-F Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # DSP1-L2-DC5V-F
Description  8 A MINIATURE POWER RELAY IN DS RELAY SERIES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

DSP1-L2-DC5V-F Datasheet(HTML) 7 Page - Panasonic Semiconductor

  DSP1-L2-DC5V-F Datasheet HTML 1Page - Panasonic Semiconductor DSP1-L2-DC5V-F Datasheet HTML 2Page - Panasonic Semiconductor DSP1-L2-DC5V-F Datasheet HTML 3Page - Panasonic Semiconductor DSP1-L2-DC5V-F Datasheet HTML 4Page - Panasonic Semiconductor DSP1-L2-DC5V-F Datasheet HTML 5Page - Panasonic Semiconductor DSP1-L2-DC5V-F Datasheet HTML 6Page - Panasonic Semiconductor DSP1-L2-DC5V-F Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DS-P
DIMENSIONS (Unit: mm inch)
FIXING AND REMOVAL METHOD
ACCESSORIES
SOCKETS FOR
DS-P RELAYS
RoHS Directive compatibility information
http://www.mew.co.jp/ac/e/environment/
TYPES AND APPLICABLE RELAYS
SPECIFICATIONS
Type No.
Applicable relays
For DSP1a
For DSP1a, DSP1, DSP2a
DSP1a-PS
DSP1a-PSL2
DSP2a-PS
DSP2a-PSL2
K
O
K
O
K
O
K
O
s
y
a
l
e
r
a
1
P
S
D
K
O
K
O
s
y
a
l
e
r
2
L
-
a
1
P
S
D
K
O
K
O
s
y
a
l
e
r
1
P
S
D
DSP1-L2 relays
OK
K
O
K
O
s
y
a
l
e
r
a
2
P
S
D
DSP2a-L2 relays
OK
s
n
o
it
a
c
i
c
e
p
S
m
e
tI
Breakdown voltage
3,000 Vrms between terminals
(Except for the portion between coil terminals)
Insulation resistance
1,000 M
Ω between terminals at 500 V
Heat resistance
150
°C for 1 hour
Max. continuous current
8 A
External dimensions
5.7
±0.3
17
±0.6
11
±0.6
23
±0.6
0.3
±0.1
7.62
±0.3 10.16±0.3
0.8
±0.1
0.65
±0.1
7.62
±0.3
2.54
±0.3
3.7
2.61
.224
±.012
.669
±.024
.433
±.024
.906
±.024
.012
±.004
.300
±.012 .400±.012
.031
±.004
.026
±.004
.300
±.012
.100
±.012
.146
.103
PC board pattern (Bottom view)
DSP1a-PS, DSP1a-PSL2
Terminal No.2 and 15 are for
DSP1a-PSL2 only.
DSP2a-PS, DSP2a-PSL2
Terminal No.2 and 15 are for
DSP2a-PSL2 only.
1
2
15
16
5
8
2.54
2.54
1.2 dia.
047 dia.
.100
.100
1
2
15
16
5
8
12
9
2.54
2.54
1.2 dia.
047 dia.
.100
.100
1. Match the direction of relay and socket.
2. Both ends of relays are fixed so tightly
that the socket hooks on the top surface
of relays.
3. Remove the relay, applying force in the
direction shown below.
4. In case there is not enough space for
finger to pick relay up, use screw drivers
in the way shown below.
Notes: 1. Exercise care when removing relays. If
greater than necessary force is applied at
the socket hooks, deformation may alter the
dimensions so that the hook will no longer
catch, and other damage may also occur.
2. It is hazardous to use IC chip sockets.
Good
No good
All Rights Reserved © C
OPYRIGHT
Panasonic Electric Works, Ltd.


Similar Part No. - DSP1-L2-DC5V-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSP1-L2-DC5V-F ETC2-DSP1-L2-DC5V-F Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-L2-DC5V-F PANASONIC-DSP1-L2-DC5V-F Datasheet
107Kb / 6P
   1a 8A, 1a1b/2a 5A small polarized power relays
More results

Similar Description - DSP1-L2-DC5V-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DSP1A-DC3V ETC2-DSP1A-DC3V Datasheet
1Mb / 7P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Nais(Matsushita Electri...
DSP1-DC3V NAIS-DSP1-DC3V Datasheet
174Kb / 5P
   MINIATURE POWER RELAY IN DS RELAY SERIES
logo
Panasonic Semiconductor
DSP1-DC12V-R-F PANASONIC-DSP1-DC12V-R-F Datasheet
136Kb / 6P
   8 A MINIATURE POWER RELAY IN DS RELAY SERIES Latching types available
logo
ZETTLER Electronics
AZ742 ZETTLER-AZ742 Datasheet
182Kb / 4P
   8 A DPDT MINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ742 AZETTLER-AZ742 Datasheet
91Kb / 2P
   8 A DPDT MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ742S ZETTLER-AZ742S Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
AZ742S ZETTLER-AZ742S_12 Datasheet
84Kb / 4P
   8 A DPDT MINIATURE POWER RELAY SMT
logo
Panasonic Semiconductor
DK18-L2-12V-F PANASONIC-DK18-L2-12V-F Datasheet
131Kb / 5P
   10 A MINIATURE POWER RELAY
logo
ZETTLER Electronics
AZ762 ZETTLER-AZ762_14 Datasheet
51Kb / 3P
   16 A SPDT MINIATURE POWER RELAY
AZ764 ZETTLER-AZ764_13 Datasheet
99Kb / 4P
   16 A SPDT MINIATURE POWER RELAY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com