Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC357N8J000F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC357N8J000F
Description  Mini-flat Package, General Purpose Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357N8J000F Datasheet(HTML) 2 Page - Sharp Corporation

  PC357N8J000F Datasheet HTML 1Page - Sharp Corporation PC357N8J000F Datasheet HTML 2Page - Sharp Corporation PC357N8J000F Datasheet HTML 3Page - Sharp Corporation PC357N8J000F Datasheet HTML 4Page - Sharp Corporation PC357N8J000F Datasheet HTML 5Page - Sharp Corporation PC357N8J000F Datasheet HTML 6Page - Sharp Corporation PC357N8J000F Datasheet HTML 7Page - Sharp Corporation PC357N8J000F Datasheet HTML 8Page - Sharp Corporation PC357N8J000F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
■ Internal Connection Diagram
Anode
Cathode
Emitter
Collector
1
1
2
3
4
2
4
3
2
Sheet No.: D2-A00102EN
■ Outline Dimensions
(Unit : mm)
4
3
1
2
5.3±
0.3
3.6±
0.3
2.54±
0.25
357
0.4±
0.1
0.5+
0.4
−0.2
7.0+
0.2
−0.7
Anode mark
SHARP mark
"S"
Epoxy resin
45˚
Rank mark
Date code
Factory identification mark
PC357NJ0000F Series
Product mass : approx. 0.1g
Plating material : SnCu (Cu : TYP. 2%)


Similar Part No. - PC357N8J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N8J000F SHARP-PC357N8J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N8J000F SHARP-PC357N8J000F Datasheet
416Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N8J000F SHARP-PC357N8J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results

Similar Description - PC357N8J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
   Mini-flat Package,General Purpose Photocoupler
PC357N2 SHARP-PC357N2 Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
   Mini-flat Package General Purpose Photocoupler
PC357N9J000F SHARP-PC357N9J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com