Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC617 Datasheet(PDF) 1 Page - Picker Components

Part # PC617
Description  Automotive Twin PCB Power Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICKER [Picker Components]
Direct Link  http://www.pickercomponents.com
Logo PICKER - Picker Components

PC617 Datasheet(HTML) 1 Page - Picker Components

  PC617_14 Datasheet HTML 1Page - Picker Components PC617_14 Datasheet HTML 2Page - Picker Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Automotive Twin PCB Power Relay
FEATURES
20 Amp continuous current capacity
Up to 60 amp switching capacity
Four different contact materials available
Six different contact forms
Designed for high inrush applications
UL Class F insulation available
PC617
Dust cover or sealed version available
Form
Max Switching Current
Minimum Load
1 Form A
60 Amps
20 Amps
1 Form B
12 Amps
10 Amps
10 Amps
1 Form C (DPDT)
NO
NC
CONTACT RATINGS
CONTACT DATA
Material
Initial Contact Resistance
Service Life
Mechanical
Electrical
AgNiO 15 (Silver Nickel Oxide 15%), AgSnOInO (Silver Tin Oxide Indium Oxide)
100 milliohms max @ 0.1A, 6VDC
1 X 107
1 X 105
20 Amps
Operations
Operations
3220 Commander Drive, Suite 102, Carrollton, Texas 75006
Sales: (888)997-3933 Fax: (818) 342-5296 email: sales@pickercomponents.com URL: pickercomponents.com
(SPST NC)
PC617 Rev B 4-14-04
PAGE 1
(SPST NO)
Make
Motor
60 Amps
20 Amps
20 Amps
12 Amps
10 Amps
10 Amps
.05 Amps @ 5 VDC
1 Form U
1 Form V
1 Form W (SPDT-DB-DM)
2 X 40 Amps
2 X 20 Amps
2 X 10 Amps
2 X 8 Amps
2 X 7 Amps
2 X 7 Amps
NO
NC
2 X 30 Amps
2 X 15 Amps
2 X 7 Amps
2 X 5 Amps
2 X 5 Amps
2 X 5 Amps
(SPST-NO-DM) (SPST-NC-DB)
Max. Continuous Current
See curve page 2, current dependant
Max. Switching Voltage
CHARACTERISTICS
Operate Time
10 ms. typical
Release Time
Insulation Resistance
5 ms. typical
100 megohms min, at 500VDC, 50%RH
Dielectric Strength
1500 Vrms, 1 min. between coil and contacts
Shock Resistance
10 g, 11ms, functional; 100 g, destructive
Vibration Resistance
DA 1.5 mm, 20 - 200 Hz functional
Power Consumption
2 x 1.1 W approx.
Ambient Temperature Range
-40 to 85 degrees C operating, -40 to 125 storage
Weight
20 grams approx.
Drop Resistance
1 Meter height drop on concrete in final enclosure
COIL DATA
Coil Voltage
6
12
Resistance
ohms
Must Operate Voltage Max.
(VDC)
Must Release Voltage Min.
(VDC)
36 X 2
145 X 2
576 X 2
0.35
1.40
0.7
2.8
24
+ 10%
Allowable
Voltage Max
(VDC)
A, B, C, U, V
W
B, V
A, C, U, W
1.4
0.70
8
31
16
4.5
18.0
9.0
3.75
15.0
7.50


Similar Part No. - PC617_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC617 PICKER-PC617_17 Datasheet
1Mb / 2P
   Automotive Twin PCB Power Relay
More results

Similar Description - PC617_14

ManufacturerPart #DatasheetDescription
logo
Picker Components
PC617 PICKER-PC617_17 Datasheet
1Mb / 2P
   Automotive Twin PCB Power Relay
PC617 PICKER-PC617 Datasheet
235Kb / 2P
   Automotive Twin PCB Power Relay
PC558 PICKER-PC558 Datasheet
174Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
PC615 PICKER-PC615 Datasheet
178Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC619 PICKER-PC619 Datasheet
190Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549 Datasheet
163Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC566 PICKER-PC566 Datasheet
136Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC621 PICKER-PC621 Datasheet
171Kb / 2P
   Subminiature Automotive PCB Twin Power Relay
PC567 PICKER-PC567 Datasheet
156Kb / 2P
   Ultraminiature Automotive PCB Twin Power Relay
PC549 PICKER-PC549_17 Datasheet
733Kb / 3P
   Ultraminiature Automotive PCB Twin Power Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com