Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS-150AAS19BA Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # MDS-150AAS19BA
Description  MDS Medical AC-DC Adapter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

MDS-150AAS19BA Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  MDS-150AAS19BA Datasheet HTML 1Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 2Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 3Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 4Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 5Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 6Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 7Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 8Page - Delta Electronics, Inc. MDS-150AAS19BA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Adapter
19V 150W / MDS-150AAS19 BA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (July 2013, Rev. 00)
3
(a) 115V
(b) 230V
Fig. 2 Ripple & Noise example, 20MHz BW
Ripple & Noise measurement circuit
Mechanical
Case Chassis
PC
Case Cover
PC
Dimensions(W x L x H)
85.0x170.0x40.0 mm
Unit Weight
1.1 kg
Indicator
NA
Cooling System
NA
Terminal
Input
C14 socket
Output
4 Pin Din
Environment
Surrounding Air Temperature
Operating
0°C to +40°C
Storage
-40°C to +85°C
Operating Humidity
10-95% RH (Non-Condensing)
Operating Altitude
3,000 meters
Shock Test (Non-Operating)
50G, 11ms, 3 shocks for each direction
Vibration (Operating)
5-500Hz, 2.09Grms, 20 minute for each three axis


Similar Part No. - MDS-150AAS19BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-150AAS19-F DELTA-MDS-150AAS19-F Datasheet
549Kb / 9P
   MDS Medical AC-DC Adapter
MDS-150AAS19F DELTA-MDS-150AAS19F Datasheet
549Kb / 9P
   MDS Medical AC-DC Adapter
More results

Similar Description - MDS-150AAS19BA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
MDS-090AAS19-F DELTA-MDS-090AAS19-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15BA DELTA-MDS-090AAS15BA Datasheet
719Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS15-B DELTA-MDS-060AAS15-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS12BA DELTA-MDS-150AAS12BA Datasheet
1Mb / 10P
   MDS Medical AC-DC Adapter
MDS-150AAS24BA DELTA-MDS-150AAS24BA Datasheet
884Kb / 10P
   MDS Medical AC-DC Adapter
MDS-060AAS19-B DELTA-MDS-060AAS19-B Datasheet
617Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS15-F DELTA-MDS-090AAS15-F Datasheet
574Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS19BA DELTA-MDS-090AAS19BA Datasheet
727Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS24-F DELTA-MDS-090AAS24-F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
MDS-090AAS24F DELTA-MDS-090AAS24F Datasheet
577Kb / 10P
   MDS Medical AC-DC Adapter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com