Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UGN3175LTTR Datasheet(PDF) 2 Page - Micro Commercial Components

Part # UGN3175LTTR
Description  Hall Effect Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

UGN3175LTTR Datasheet(HTML) 2 Page - Micro Commercial Components

  UGN3175LTTR Datasheet HTML 1Page - Micro Commercial Components UGN3175LTTR Datasheet HTML 2Page - Micro Commercial Components UGN3175LTTR Datasheet HTML 3Page - Micro Commercial Components UGN3175LTTR Datasheet HTML 4Page - Micro Commercial Components UGN3175LTTR Datasheet HTML 5Page - Micro Commercial Components UGN3175LTTR Datasheet HTML 6Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
These Hall-effect latches are temperature-stable and stress-resistant
sensor ICs especially suited for electronic commutation in brushless dc
motors using multipole ring magnets. Each device includes a voltage
regulator, quadratic Hall voltage generator, temperature compensation
circuit, signal amplifier, Schmitt trigger, and an open-collector output on
a single silicon chip. The on-board regulator permits operation with
supply voltages of 4.5 volts to 18 volts. The switch output can sink
10 mA. With suitable output pull up, they can be used directly with
bipolar or MOS logic circuits.
The three package styles available provide a magnetically optimized
package for most applications. Suffix ‘LT’ is a surface-mount SOT89/
TO-243AA package; suffixe ‘UA’ features wire leads for through-hole
mounting.
HALL-EFFECT LATCHES
Always order by complete part number, e.g., UGN3175LT .
See Magnetic Characteristics table for differences between devices.
FEATURES
Symmetrical Response
4.5 V to 18 V Operation
Open-Collector Output
Reverse Battery Protection
Activate With Small, Commercially Available Permanent Magnets
Solid-State Reliability
Small Size
Superior Temperature Stability
Resistant to Physical Stress
ABSOLUTE MAXIMUM RATINGS
Supply Voltage, VCC . . . . . . . . . . . . . 18 V
Reverse Battery Voltage, VRCC . . . . -18 V
Magnetic Flux Density, B . . . . Unlimited
Output OFF Voltage, VOUT . . . . . . . . 18 V
Continuous Output Current, IOUT . 15 mA
Operating Temperature Range,
TA . . . . . . . . . . . . . . . -20°C to +85°C
Storage Temperature Range,
TS . . . . . . . . . . . . . . . -65°C to +150°C
Pinning is shown viewed from branded side.
3175 AND
3177
Dwg. PH-003A
1
V
CC
3
2


Similar Part No. - UGN3175LTTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
UGN3175LT ALLEGRO-UGN3175LT Datasheet
147Kb / 8P
   HALL-EFFECT LATCHES
UGN3175LT ALLEGRO-UGN3175LT Datasheet
119Kb / 6P
   HALL-EFFECT LATCHES
More results

Similar Description - UGN3175LTTR

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3175 ALLEGRO-A3175 Datasheet
119Kb / 6P
   HALL-EFFECT LATCHES
3175 ALLEGRO-3175 Datasheet
147Kb / 8P
   HALL-EFFECT LATCHES
logo
List of Unclassifed Man...
OHN3175U ETC1-OHN3175U Datasheet
268Kb / 2P
   HaLLOGIC Bipolar Hall Effect Sensors(Latches)
logo
Allegro MicroSystems
A3280ELHL ALLEGRO-A3280ELHL Datasheet
266Kb / 11P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
A1220 ALLEGRO-A1220_10 Datasheet
295Kb / 14P
   Chopper Stabilized Precision Hall Effect Latches
A1222EUA-T ALLEGRO-A1222EUA-T Datasheet
353Kb / 16P
   Chopper Stabilized Precision Hall Effect Latches
A3290 ALLEGRO-A3290 Datasheet
219Kb / 9P
   Chopper Stabilized, Precision Hall Effect Latches
3280 ALLEGRO-3280 Datasheet
197Kb / 12P
   CHOPPER-STABILIZED, PRECISION HALL-EFFECT LATCHES
APS12200 ALLEGRO-APS12200 Datasheet
1Mb / 16P
   High-Temperature Precision Hall-Effect Latches
A1220 ALLEGRO-A1220 Datasheet
288Kb / 13P
   Chopper Stabilized Precision Hall Effect Latches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com