Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-12V30WBNA Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # PJ-12V30WBNA
Description  PJ Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJ-12V30WBNA Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  PJ-12V30WBNA Datasheet HTML 1Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 2Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 3Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 4Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 5Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 6Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 7Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 8Page - Delta Electronics, Inc. PJ-12V30WBNA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TECHNICAL DATASHEET
PJ Open Frame Power Supply
12V 30W 1 Phase / PJ-12V30W
NA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 01)
2
Specifications
Input Ratings / Characteristics
Nominal Input Voltage
100-240Vac
Input Voltage Range
85-264Vac
Nominal Input Frequency
50-60Hz
Input Frequency Range
47-63Hz
Input Current
0.65A typ. @ 100Vac, 0.35A typ. @ 200Vac
Efficiency at 100% Load
83.0% typ. @ 100Vac, 85.0% typ. @ 200Vac
Max Inrush Current
15A typ. @ 100Vac, 30A typ. @ 200Vac
Leakage Current
0.1mA @ 100Vac, 0.2mA @ 230Vac
Output Ratings / Characteristics
Nominal Output Voltage
12Vdc
Output Voltage Tolerance
± 1% (initial set point tolerance from factory)
Output Voltage Adjustment Range
10.8-13.2Vdc
Output Current
2.50A
Output Power
30W
Line Regulation
< 48mV
Load Regulation
< 100mV
Ripple (20MHz)
< 120mVpp @ 0°C to 50°C, < 160mVpp @ -10°C to 0°C
Ripple Noise (20MHz)
< 150mVpp @ 0°C to 50°C, < 180mVpp @ -10°C to 0°C
Start-up Time
500ms typ. @ 100Vac
Hold-up Time
20ms typ. @ 100Vac
Dynamic Response (Overshoot & Undershoot O/P Voltage)
± 5% @ 0-50% load and 50-100% load
Start-up with Capacitive Loads
8,000µF Max
Mechanical
Case Chassis
SGCC
Case Cover
SGCC
Dimensions
105 x 50 x 25.6 mm (Open Frame)
125 x 60 x 36 mm (Enclosed)
Unit Weight
0.11 kg (Open Frame)
0.20 kg (Enclosed)
Cooling System
Convection
Terminal
Input
JST B3P5-VH (LF)(SN)
Output
JST B4P-VH (LF)(SN)
Wire
AWG 22-18


Similar Part No. - PJ-12V30WBNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V30WXNA DELTA-PJ-12V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
More results

Similar Description - PJ-12V30WBNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V150WXXA DELTA-PJ-12V150WXXA Datasheet
1Mb / 13P
   PJ Open Frame Power Supply
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
PJ-24V30WXNA DELTA-PJ-24V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-5V15WXNA DELTA-PJ-5V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V50WBNA DELTA-PJ-12V50WBNA Datasheet
1,007Kb / 12P
   PJ Open Frame Power Supply
PJ-24V30WBNA DELTA-PJ-24V30WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-24V150WBNA DELTA-PJ-24V150WBNA Datasheet
1Mb / 14P
   PJ Open Frame Power Supply
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
PJ-24V100WXXA DELTA-PJ-24V100WXXA Datasheet
824Kb / 13P
   PJ Open Frame Power Supply
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com