Electronic Components Datasheet Search |
|
PJ-48V50WCNA Datasheet(PDF) 9 Page - Delta Electronics, Inc. |
|
PJ-48V50WCNA Datasheet(HTML) 9 Page - Delta Electronics, Inc. |
9 / 12 page TECHNICAL DATASHEET PJ Open Frame Power Supply 48V 50W 1 Phase / PJ-48V50W □NA All parameters are specified at 25°C ambient unless otherwise noted. www.DeltaPSU.com (May 2013, Rev. 01) 9 Output De-rating VS. Input Voltage Functions Start-up Time The time required for the output voltage to reach 90% of its set value, after the input voltage is applied. Rise Time The time required for the output voltage to change from 10% to 90% of its set value. Hold-up Time Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time required for the output to reach 95% of its set value, after the input voltage is removed. ■ Graph illustrating the Start-up Time, Rise Time, and Hold-up Time ■ No output power de-rating for the input voltage range from 90Vac to 264Vac |
Similar Part No. - PJ-48V50WCNA |
|
Similar Description - PJ-48V50WCNA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |