Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-48V50WCNA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # PJ-48V50WCNA
Description  PJ Open Frame Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

PJ-48V50WCNA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button PJ-48V50WCNA Datasheet HTML 4Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 5Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 6Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 7Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 8Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 9Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 10Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 11Page - Delta Electronics, Inc. PJ-48V50WCNA Datasheet HTML 12Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TECHNICAL DATASHEET
PJ Open Frame Power Supply
48V 50W 1 Phase / PJ-48V50W
NA
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (May 2013, Rev. 01)
10
Dynamic Response
Inrush Current
Inrush current is the peak, instantaneous, input current measured
and, occurs when the input voltage is first applied. For AC input
voltages, the maximum peak value of inrush current will occur
during the first half cycle of the applied AC voltage. This peak
value decreases exponentially during subsequent cycles of AC
voltage.
Overvoltage Protection
The power supply’s overvoltage circuit will be activated when its
internal feedback circuit fails. The output voltage shall not exceed
its specifications defined on Page 3 under “Protections”.
The power supply should be latch.
Short Circuit Protection
The power supply’s output OLP/OCP function also provides
protection against short circuits. When a short circuit is applied,
the output current will operate in “Hiccup mode”, as shown in the
illustration in the OLP/OCP section on this page. The power
supply will return to normal operation after the short circuit is
removed.
Overload & Overcurrent Protections
The power supply’s Overload (OLP) and Overcurrent (OCP)
Protections will be activated when output current exceeds 105%
of IO (Max load). In such occurrence, the VO will start to droop and
once the power supply has reached its maximum power limit, the
protection is activated and the power supply will go into “Hiccup
mode” (Auto-Recovery). The power supply will recover once the
fault condition of the OLP and OCP is removed and IO is back
within the specifications.
Additionally, if the IO is <105% but >100% for a prolong period of
time (depending on the load), the Over Temperature Protection
(OTP) will be activated due to high temperature on critical
components. The power supply will then go into latch mode until
the fault is removed and the mains is reapplied.
Over Temperature Protection
As
mentioned
above,
the
power
supply
also
has
Over
Temperature Protection (OTP). This is activated when the
overload condition persists for an extended duration and the
output current is below the overload trigger point but >100% load.
In the event of a higher operating condition at 100% load, the
power supply will run into OTP when the surrounding air
temperature is higher than the operating temperature. When
activated, the output voltage will go into latch mode until the
mains is reapplied and the surrounding air temperature drops to
its normal operating temperature.
The power supply output voltage will remain within ±5% of its steady state value, when subjected to a dynamic load from 0 to 50% and
50 to 100% of its rated current.
■ 0 to 50% Load
■ 50 to 100% Load


Similar Part No. - PJ-48V50WCNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-48V50WXNA DELTA-PJ-48V50WXNA Datasheet
1,007Kb / 11P
   PJ Open Frame Power Supply
More results

Similar Description - PJ-48V50WCNA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PJ-12V15WXNA DELTA-PJ-12V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V150WXXA DELTA-PJ-12V150WXXA Datasheet
1Mb / 13P
   PJ Open Frame Power Supply
PJ-24V50WXNA DELTA-PJ-24V50WXNA Datasheet
1,008Kb / 11P
   PJ Open Frame Power Supply
PJ-24V30WXNA DELTA-PJ-24V30WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-5V15WXNA DELTA-PJ-5V15WXNA Datasheet
1Mb / 11P
   PJ Open Frame Power Supply
PJ-12V50WBNA DELTA-PJ-12V50WBNA Datasheet
1,007Kb / 12P
   PJ Open Frame Power Supply
PJ-24V30WBNA DELTA-PJ-24V30WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
PJ-24V150WBNA DELTA-PJ-24V150WBNA Datasheet
1Mb / 14P
   PJ Open Frame Power Supply
PJ-12V50WXNA DELTA-PJ-12V50WXNA Datasheet
1,022Kb / 11P
   PJ Open Frame Power Supply
PJ-24V100WXXA DELTA-PJ-24V100WXXA Datasheet
824Kb / 13P
   PJ Open Frame Power Supply
PJ-5V15WBNA DELTA-PJ-5V15WBNA Datasheet
1Mb / 12P
   PJ Open Frame Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com