Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD1-25-D Datasheet(PDF) 1 Page - Samtec, Inc

Part # IPD1-25-D
Description  100 SHROUDED CONTACT BODY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMTEC [Samtec, Inc]
Direct Link  http://www.samtec.com/
Logo SAMTEC - Samtec, Inc

IPD1-25-D Datasheet(HTML) 1 Page - Samtec, Inc

  IPD1-25-D Datasheet HTML 1Page - Samtec, Inc IPD1-25-D Datasheet HTML 2Page - Samtec, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
G
DO NOT
SCALE FROM
THIS PRINT
G
IPD1-XX-D-X
No OF POSITIONS
-02 THRU -25
(PER ROW)
[SEE FIG. 2 FOR -02 POSITION]
ROW SPECIFICATION
-D: DOUBLE
-P: POLARIZED
(NOT AVAILABLE WITH
-K OPTION)
(LEAVE BLANK FOR
NO POLARIZATION)
(SEE FIG. 3)
*-K: KEYED POLARIZATION
(NOT AVAILABLE WITH
-P OPTION)
(SEE SHEET 2, FIG. 4)
POLARIZATION OPTION
*NOT RELEASED FOR PRODUCTION
.250±.002
.350
.050 (TYP)
.0775
(4 PLCS)
((No OF POSITIONS -1) x .100)
.100
"A"
"A"
'A'
'B'
'C'
C3
C4
02
01
07
.002
.003
((No OF POSITIONS x .100) + .055)
.050
.220
.505-.000
+.005
.035±.010
.078±.010
.08
C1
C2
SEE NOTE 11
.007
.003
.255
.4800±.0020
.059-.001
+.002
.100±.005
.0723
(SEE NOTE 14)
"B"
"B"
'D'
'H'
SECTION "A"-"A"
C5
SEE NOTE 8
SEE NOTE 2
SEE NOTE 3
C6
.050 (TYP)
.050
.020 (2 PLCS)
'G'
01
07
08
05
06
11
12
SEE NOTE 12
04
03
02
.045
.112
.082
.0923
(SEE NOTE 14)
'F'
'E'
SECTION "B"-"B"
PARTING LINE
GATE PADS
(SEE NOTE 9)
"J"
"J"
02
01
07
IPD1-06-D-P SHOWN
(SAME AS FIG. 1, EXCEPT AS SHOWN)
FIG. 3
.255
SECTION "J"-"J"
C
FIG. 1
IPD1-06-D SHOWN
SHEET OF
UNLESS OTHERWISE SPECIFIED,
DIMENSIONS ARE IN INCHES.
TOLERANCES ARE:
DECIMALS
ANGLES
.XX: .01 [.3]
2
.XXX: .003 [.08]
.XXXX: .0015 [.038]
MATERIAL:
.100 SHROUDED CONTACT BODY
BY:
IPD1-XX-D-X
DWG. NO.
DESCRIPTION:
PROPRIETARY NOTE
THIS DOCUMENT CONTAINS INFORMATION
CONFIDENTIAL AND PROPRIETARY TO
SAMTEC, INC. AND SHALL NOT BE REPRODUCED
OR TRANSFERRED TO OTHER DOCUMENTS OR
DISCLOSED TO OTHERS OR USED FOR ANY
PURPOSE OTHER THAN THAT WHICH IT WAS
OBTAINED WITHOUT THE EXPRESSED WRITTEN
CONSENT OF SAMTEC, INC.
DO NOT SCALE DRAWING
CHAD F
03/05/2002
2
1
SHEET SCALE: 2:1
ZYTEL 103FHS, COLOR: WHITE
c:\enterprisevault\DWG\MISC\MKTG\IPD1-XX-D-X-MKT.SLDDRW
MAX REGRIND: 25%
MAX FLASH ALLOWED: .004
MAX GATE VESTIGE: .002
NOTES:
1.
REPRESENTS A CRITICAL DIMENSION.
2. SAMTEC LOGO SHALL APPEAR AT ONE LOCATION ON SURFACE SHOWN,
APPROXIMATELY .150 x .094 (BOTH SIDES).
3. ALL MULTIPLE CAVITY MOLDS SHALL IDENTIFY EACH CAVITY WITH A LETTER
DESIGNATION LOCATED WHERE SHOWN.
4. ALL IDENTIFICATION MARKS MUST NOT STAND GREATER THAN .002 OFF THE
SURFACE OF THE PART.
5. MOLDED SURFACES SHALL BE CONSISTENT AND SMOOTH. SURFACES TO BE
FREE OF SCATCHES, NICKS, SINK AREAS, VOIDS OR OTHER BLEMISHES.
6. MAX ALLOWABLE BOW: SEE TABLE 1. BOW TO BE MEASURED AT MIDLINE OF PART.
7. PART TO BE SYMMETRIC ABOUT THE CENTERLINE WITHIN +/-.002, UNLESS
OTHERWISE STATED.
8. NUMBER OF POSITIONS (PER ROW) TO BE SHOWN IN THIS AREA EXCLUDING
2, 3 AND 4 POSITIONS. SIZE AND DEPTH SIMILAR TO POSITION 1 INDICATOR.
9. GATE PADS MUST BE RECESSED .005.
10. END CORES ARE POLARIZED. CONFIRM GEOMETRY RELATIVE TO POSITION 1
INDICATOR & GATE PADS.
11. POSITION 1 INDICATOR TO BE RAISED .005 MAX, NOT PRESENT ON 2 POSITION
OPTION.
12. SPECIFIED POSITIONS TO BE IDENTIFIED WHERE SHOWN (NOTE 4 APPLIES).
13. MOLD DESIGNER HAS DISCRETION OVER RIB LOCATION. STEEL PRINT SETUP
SHEET MUST SHOW RIB CONFIGURATION FOR EACH PART NUMBER.
14. PART MUST DRAFT INWARD FROM BOTTOM TO TOP OF STACK.
15. ALL DIMENSIONS TO BE SYMMETRIC ABOUT CENTERLINE WITHIN .0015
UNLESS OTHERWISE STATED.
520 PARK EAST BLVD, NEW ALBANY, IN 47150
PHONE: 812-944-6733
FAX: 812-948-5047
e-Mail: info@SAMTEC.com
code: 55322
REVISION G


Similar Part No. - IPD1-25-D

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPD1-25-D-K-M SAMTEC-IPD1-25-D-K-M Datasheet
260Kb / 1P
   (2.54 mm) .100
Rev 21DEC21
More results

Similar Description - IPD1-25-D

ManufacturerPart #DatasheetDescription
logo
Samtec, Inc
IPD1-02-D-K SAMTEC-IPD1-02-D-K Datasheet
269Kb / 2P
   100 SHROUDED CONTACT BODY
IPD1-02-D SAMTEC-IPD1-02-D Datasheet
269Kb / 2P
   .100 SHROUDED CONTACT BODY
IPD1-15-D SAMTEC-IPD1-15-D Datasheet
269Kb / 2P
   100 SHROUDED CONTACT BODY
logo
Schneider Electric
ZB4BZ102TQ SCHNEIDER-ZB4BZ102TQ Datasheet
164Kb / 5P
   Complete body/contact assembly, Harmony XB4, contact block ZB4BZ102 sold by 100
ZB4BZ101TQ SCHNEIDER-ZB4BZ101TQ Datasheet
162Kb / 5P
   Complete body/contact assembly, Harmony XB4, contact block ZB4BZ101 sold by 100
ZB4BZ103TQ SCHNEIDER-ZB4BZ103TQ Datasheet
191Kb / 5P
   Complete body/contact assembly, Harmony XB4, contact block ZB4BZ103 sold by 100
logo
List of Unclassifed Man...
170M6465 ETC2-170M6465 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
Cooper Bussmann, Inc.
170M3408 COOPER-170M3408 Datasheet
49Kb / 2P
   Square Body ??Flush End Contact
logo
List of Unclassifed Man...
170M4489 ETC-170M4489 Datasheet
55Kb / 2P
   Square Body . Flush End Contact
logo
Insel Rectifier India P...
170M5961 IRI-170M5961 Datasheet
158Kb / 2P
   Square Body Flush End Contact
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com