Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPS1031SPBF Datasheet(PDF) 4 Page - International Rectifier

Part # IPS1031SPBF
Description  INTELLIGENT POWER LOW SIDE SWITCH
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IPS1031SPBF Datasheet(HTML) 4 Page - International Rectifier

  IPS1031SPBF Datasheet HTML 1Page - International Rectifier IPS1031SPBF Datasheet HTML 2Page - International Rectifier IPS1031SPBF Datasheet HTML 3Page - International Rectifier IPS1031SPBF Datasheet HTML 4Page - International Rectifier IPS1031SPBF Datasheet HTML 5Page - International Rectifier IPS1031SPBF Datasheet HTML 6Page - International Rectifier IPS1031SPBF Datasheet HTML 7Page - International Rectifier IPS1031SPBF Datasheet HTML 8Page - International Rectifier IPS1031SPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
IPS1031(S)(R)PbF
Lead Assignments
1
2
3
TO220
1- In
2- D
3- S
2 - Drain
1 2 3
D²Pak – D Pak
2 - Drain
Functional Block Diagram
All values are typical
IN
S
R
Q
6.5V
Tj > 165°C
DRAIN
SOURCE
37V
15k
I > Isd
75
43V
Vds > O.V.
www.irf.com
4


Similar Part No. - IPS1031SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS1031S IRF-IPS1031S Datasheet
264Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
More results

Similar Description - IPS1031SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS2051L INFINEON-AUIPS2051L Datasheet
773Kb / 16P
   INTELLIGENT POWER LOW SIDE SWITCH
May 9th, 2012 Revision F
logo
International Rectifier
IPS2041RPBF IRF-IPS2041RPBF Datasheet
1Mb / 12P
   INTELLIGENT POWER LOW SIDE SWITCH
logo
Infineon Technologies A...
AUIPS1025R INFINEON-AUIPS1025R Datasheet
449Kb / 15P
   INTELLIGENT POWER LOW SIDE SWITCH
Rev 1.1 2016-3-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com