Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXBOD1-40R Datasheet(PDF) 6 Page - IXYS Corporation

Part # IXBOD1-40R
Description  Breakover Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXBOD1-40R Datasheet(HTML) 6 Page - IXYS Corporation

  IXBOD1-40R Datasheet HTML 1Page - IXYS Corporation IXBOD1-40R Datasheet HTML 2Page - IXYS Corporation IXBOD1-40R Datasheet HTML 3Page - IXYS Corporation IXBOD1-40R Datasheet HTML 4Page - IXYS Corporation IXBOD1-40R Datasheet HTML 5Page - IXYS Corporation IXBOD1-40R Datasheet HTML 6Page - IXYS Corporation IXBOD1-40R Datasheet HTML 7Page - IXYS Corporation IXBOD1-40R Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
H - 6
© 2000 IXYS All rights reserved
Application
Protection of thyristors against overvoltages in forward
direction.
V
D
i
BOD
Thyristor
V
BO (TVJ) = VBO, 25°C [1+KT(TVJ - 25°C)]
a. The maximum junction temperature shall be
calculated for a module IXBOD 1 -30R at an
ambient temperature T
a = 60 °C, an exponentially
decaying current I
TM = 40A, a pulsewidth tp = 2 µs,
an operating frequency f = 50 Hz and natural
convection. From the diagram Fig. 6 the energy per
pulse is obtained:
E
p1 = 6 x 10
-3
Ws
For a module IXBOD1-30R the number of single
IXBOD elements is:
n = 3
At natural air cooling the thermal resistance junction
to ambient amounts to (Fig.8):
R
thJA = 20K/W
and the unknown temperature can be calculated as:
T
VJmax1
= T
a + n • f • Ep • RthJA + Kp • Ep
T
VJmax1 = 60 + 18 + 4.2
= 82.2°C
b. If following these steady-state conditions an
overload for 1 minute occurs with I
TM= 60 A and a
pulse-width tp = 4
µs at the same operating
frequency f = 50 Hz, then the resulting maximum
junction temperature is calculating as follows:
T
VJmax2 = TVJmax1 + (Ep2-Ep1) • n • f •ZthJA(t) + Kp • (Ep2-Ep1)
The diagrams Fig. 11 and Fig. 8 show
E
p2= 14x10
-3
Ws
Z
thJA(t = 1min) = 12K/W
From what follows:
T
VJmax2 = 82.2 + 14.4 + 5,6 = 102.2 °C
which is allowed because the maximum admissible
junction temperature T
VJM = 125 °C.
Calculation example


Similar Part No. - IXBOD1-40R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-06 IXYS-IXBOD1-06 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1-06 IXYS-IXBOD1-06 Datasheet
158Kb / 5P
   Breakover Diode Gen
IXBOD1-07 IXYS-IXBOD1-07 Datasheet
252Kb / 8P
   Breakover Diodes
IXBOD1-07 IXYS-IXBOD1-07 Datasheet
158Kb / 5P
   Breakover Diode Gen
IXBOD1-08 IXYS-IXBOD1-08 Datasheet
252Kb / 8P
   Breakover Diodes
More results

Similar Description - IXBOD1-40R

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXBOD1-12 IXYS-IXBOD1-12 Datasheet
252Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211SM PHILIPS-BR211SM Datasheet
32Kb / 6P
   Breakover diodes
August 1996 Rev 1.100
logo
IXYS Corporation
IXBOD1-13RD IXYS-IXBOD1-13RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-24RD IXYS-IXBOD1-24RD Datasheet
258Kb / 8P
   Breakover Diodes
logo
NXP Semiconductors
BR211 PHILIPS-BR211 Datasheet
32Kb / 7P
   Breakover diodes
August 1996 Rev 1.200
BRS212 PHILIPS-BRS212 Datasheet
32Kb / 6P
   Breakover diodes
January 1997 Rev 1.000
logo
IXYS Corporation
IXBOD1-12RD IXYS-IXBOD1-12RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1-28RD IXYS-IXBOD1-28RD Datasheet
258Kb / 8P
   Breakover Diodes
IXBOD1 IXYS-IXBOD1 Datasheet
158Kb / 5P
   Breakover Diode Gen
logo
List of Unclassifed Man...
CR0300 ETC1-CR0300 Datasheet
306Kb / 9P
   Thyristors (SiBOD Breakover Devices)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com