Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LLZJ2.2B Datasheet(PDF) 3 Page - Formosa MS

Part # LLZJ2.2B
Description  Zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

LLZJ2.2B Datasheet(HTML) 3 Page - Formosa MS

  LLZJ2.2B Datasheet HTML 1Page - Formosa MS LLZJ2.2B Datasheet HTML 2Page - Formosa MS LLZJ2.2B Datasheet HTML 3Page - Formosa MS LLZJ2.2B Datasheet HTML 4Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Formosa MS
LLZJ Series
Formosa MS
3
Zener voltage
Operating
resistance
Rising operating
resistance
Reverse current
Vz (V)
Zzt (O )
Zzk (O )
IR (µ A)
Type
Rank
Min.
Max.
Iz (mA)
Max.
Iz (mA)
Max.
Iz (mA)
Max.
VR (V)
A
9.12
9.59
B
9.41
9.90
C
9.70
10.20
LLZJ 10
D
9.94
10.44
5
30
5
120
0.5
0.2
7.0
A
10.18
10.71
B
10.50
11.05
LLZJ 11
C
10.82
11.38
5
30
5
120
0.5
0.2
8.0
A
11.13
11.71
B
11.44
12.03
LLZJ 12
C
11.74
12.35
5
30
5
110
0.5
0.2
9.0
A
12.11
12.75
B
12.55
13.21
LLZJ 13
C
12.99
13.66
5
35
5
110
0.5
0.2
10
A
13.44
14.13
B
13.89
14.62
LLZJ 15
C
14.35
15.09
5
40
5
110
0.5
0.2
11
A
14.80
15.57
B
15.25
16.04
LLZJ 16
C
15.69
16.51
5
40
5
150
0.5
0.2
12
A
16.22
17.06
B
16.82
17.70
LLZJ 18
C
17.42
18.33
5
45
5
150
0.5
0.2
13
A
18.20
18.96
B
18.63
19.59
C
19.23
20.22
LLZJ 20
D
19.72
20.72
5
55
5
200
0.5
0.2
15
A
20.15
21.20
B
20.64
21.71
C
21.08
22.17
LLZJ 22
D
21.52
22.63
5
30
5
200
0.5
0.2
17
A
22.05
23.18
B
22.61
23.77
C
23.12
24.13
LLZJ 24
D
23.63
24.85
5
35
5
200
0.5
0.2
19
A
24.26
25.52
B
24.97
26.26
C
25.63
26.95
LLZJ 27
D
26.29
27.64
5
45
5
250
0.5
0.2
21
A
26.99
28.39
B
27.70
29.13
C
28.36
29.82
LLZJ 30
D
29.02
30.51
5
55
5
250
0.5
0.2
23


Similar Part No. - LLZJ2.2B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
LLZ10 MCC-LLZ10 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
logo
Taiwan Semiconductor Co...
LLZ10 TSC-LLZ10 Datasheet
76Kb / 3P
   500mW Hermetically Sealed Glass Zener Voltage Regulators
LLZ10 TSC-LLZ10 Datasheet
228Kb / 4P
   Hermetically Sealed Glass Zener Voltage Regulators
logo
Micro Commercial Compon...
LLZ10 MCC-LLZ10 Datasheet
392Kb / 7P
   500mW Silicon Zener Diodes
LLZ10A MCC-LLZ10A Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
More results

Similar Description - LLZJ2.2B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com