Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q24S15050-NS00 Datasheet(PDF) 1 Page - Power-One

Part # Q24S15050-NS00
Description  Q24S15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

Q24S15050-NS00 Datasheet(HTML) 1 Page - Power-One

  Q24S15050-NS00 Datasheet HTML 1Page - Power-One Q24S15050-NS00 Datasheet HTML 2Page - Power-One Q24S15050-NS00 Datasheet HTML 3Page - Power-One Q24S15050-NS00 Datasheet HTML 4Page - Power-One Q24S15050-NS00 Datasheet HTML 5Page - Power-One Q24S15050-NS00 Datasheet HTML 6Page - Power-One Q24S15050-NS00 Datasheet HTML 7Page - Power-One Q24S15050-NS00 Datasheet HTML 8Page - Power-One Q24S15050-NS00 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
JUN 01, 2003 revised to NOV 22, 2006
Page 1 of 14
www.power-one.com
Q24S15050 DC-DC Converter Data Sheet
18-36 VDC Input; 5 VDC @ 15A Output
The Q24S15050 surface mounted DC-DC converter offers
unprecedented performance in the industry-standard quarter
brick format. This is accomplished through the use of patent
pending circuit and packaging techniques to achieve ultra-
high efficiency, excellent thermal performance and a very
low body profile.
In telecommunications applications the
Q&
& Family 15 A con-
verters provide thermal performance comparable with exist-
ing 20 A designs. Low body profile and the preclusion of
heat sinks minimize airflow shadowing, thus enhancing cool-
ing for downstream devices. The use of 100% surface-mount
technologies for assembly, coupled with Power-One’s ad-
vanced electric and thermal circuitry and packaging, results
in a product with extremely high quality and reliability.
Ambient Temperature [°C]
20
30
40
50
60
70
80
90
0
5
10
15
20
500 LFM (2.5 m/s)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
30 LFM (0.15 m/s)
Fig. 1: Available load current vs. ambient air temperature and air-
flow rates for Q24S15050 converter mounted vertically with air flow-
ing from pin 3 to pin 1, MOSFET temperature
≤ 120°C, Vin = 27 V.
Applications
Telecommunications
Data communications
Wireless
Servers
Q24S15050 Converter
Features
RoHS lead-free solder and lead-solder-exempted
products are available
Delivers up to 15 A
High efficiency: 88.5% @ 15 A, 88.5% @ 7.5 A
Start-up into pre-biased output
No minimum load required
No heat sink required
Low profile: 0.26” [6.6 mm]
Low weight: 1 oz [28 g] typical
Industry-standard footprint: 1.45” x 2.30”
Meets Basic Insulation Requirements of EN60950
On-board LC input filter
Fixed-frequency operation
Fully protected
Remote output sense
Output voltage trim range: +10%/-20%
Trim resistor via industry-standard equations
High reliability: MTBF 2.6 million hours, calculated per
Telcordia TR-332, Method I Case 1
Positive or negative logic ON/OFF option
UL 60950 recognized in U.S. & Canada, and DEMKO
certified per IEC/EN 60950
Meets conducted emissions requirements of FCC
Class B and EN55022 Class B with external filter
All materials meet UL94, V-0 flammability rating


Similar Part No. - Q24S15050-NS00

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q24.0-JXS75-12-10 JAUCH-Q24.0-JXS75-12-10 Datasheet
118Kb / 2P
   SMD Quartz Crystal
Q24.0-JXS75-12-30 JAUCH-Q24.0-JXS75-12-30 Datasheet
118Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-100 JAUCH-Q24.00-SMU4-12-100 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-20 JAUCH-Q24.00-SMU4-12-20 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-30 JAUCH-Q24.00-SMU4-12-30 Datasheet
131Kb / 2P
   SMD Quartz Crystal
More results

Similar Description - Q24S15050-NS00

ManufacturerPart #DatasheetDescription
logo
Power-One
Q24T15050-PBA0 POWER-ONE-Q24T15050-PBA0 Datasheet
331Kb / 14P
   Q24T15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC2415W12 WALL-LANC2415W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
LANC2412W12 WALL-LANC2412W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
LANC2415DW8 WALL-LANC2415DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹15 VDC Output at 짹0.267A
LANC2405DW12 WALL-LANC2405DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹5.0 VDC Output at 짹1.2A
LANC2412DW8 WALL-LANC2412DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.333A
LANC2405DW8 WALL-LANC2405DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹5.0 VDC Output at 짹0.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com