Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q24S15050 Datasheet(PDF) 7 Page - Power-One

Part # Q24S15050
Description  Q24S15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

Q24S15050 Datasheet(HTML) 7 Page - Power-One

Back Button Q24S15050 Datasheet HTML 3Page - Power-One Q24S15050 Datasheet HTML 4Page - Power-One Q24S15050 Datasheet HTML 5Page - Power-One Q24S15050 Datasheet HTML 6Page - Power-One Q24S15050 Datasheet HTML 7Page - Power-One Q24S15050 Datasheet HTML 8Page - Power-One Q24S15050 Datasheet HTML 9Page - Power-One Q24S15050 Datasheet HTML 10Page - Power-One Q24S15050 Datasheet HTML 11Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
JUN 01, 2003 revised to NOV 22, 2006
Page 7 of 14
www.power-one.com
Q24S15050 DC-DC Converter Data Sheet
18-36 VDC Input; 5 VDC @ 15A Output
Protection Features
Input Undervoltage Lockout
Input undervoltage lockout is standard with this converter.
The converter will shut down when the input voltage drops
below a pre-determined voltage.
The input voltage must be at least 17.5 V for the converter to
turn on. Once the converter has been turned on, it will shut
off when the input voltage drops below 15 V. This feature is
beneficial in preventing deep discharging of batteries used in
telecom applications.
Output Overcurrent Protection (OCP)
The converter is protected against overcurrent or short cir-
cuit conditions. Upon sensing an overcurrent condition, the
converter will switch to constant current operation and
thereby begin to reduce output voltage. When the output
voltage drops below 2.5 Vdc, the converter will shut down
(Fig. 26).
Once the converter has shut down, it will attempt to restart
nominally every 100 ms with a 2% duty cycle (Fig 27). The
attempted restart will continue indefinitely until the overload
or short circuit conditions are removed or the output voltage
rises above 2.5 Vdc.
Output Overvoltage Protection (OVP)
The converter will shut down if the output voltage across
Vout(+) (Pin 8) and Vout(-) (Pin 4) exceeds the threshold of
the OVP circuitry. The OVP circuitry contains its own refer-
ence, independent of the output voltage regulation loop.
Once the converter has shut down, it will attempt to restart
every 100 ms until the OVP condition is removed.
Overtemperature Protection (OTP)
The converter will shut down under an overtemperature con-
dition to protect itself from overheating caused by operation
outside the thermal derating curves, or operation in abnor-
mal conditions such as system fan failure. After the con-
verter has cooled to a safe operating temperature, it will
automatically restart.
Safety Requirements
The converters meet North American and International
safety regulatory requirements per UL60950 and EN60950.
Basic Insulation is provided between input and output.
To comply with safety agencies requirements, an input line
fuse must be used external to the converter. A 10-A fuse is
recommended for use with this product.
Electromagnetic Compatibility (EMC)
EMC requirements must be met at the end-product system
level, as no specific standards dedicated to EMC character-
istics of board mounted component dc-dc converters exist.
However, Power-One tests its converters to several system
level standards, primary of which is the more stringent
EN55022, Information technology equipment - Radio distur-
bance characteristics - Limits and methods of measurement.
With the addition of a simple external filter (see application
notes), all versions of the Q24S15 converters pass the re-
quirements of Class B conducted emissions per EN55022
and FCC, and meet at a minimum, Class A radiated emis-
sions per EN 55022 and Class B per FCC Title 47CFR, Part
15-J. Please contact Power-One Applications Engineering
for details of this testing.


Similar Part No. - Q24S15050

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
Q24.0-JXS75-12-10 JAUCH-Q24.0-JXS75-12-10 Datasheet
118Kb / 2P
   SMD Quartz Crystal
Q24.0-JXS75-12-30 JAUCH-Q24.0-JXS75-12-30 Datasheet
118Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-100 JAUCH-Q24.00-SMU4-12-100 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-20 JAUCH-Q24.00-SMU4-12-20 Datasheet
131Kb / 2P
   SMD Quartz Crystal
Q24.00-SMU4-12-30 JAUCH-Q24.00-SMU4-12-30 Datasheet
131Kb / 2P
   SMD Quartz Crystal
More results

Similar Description - Q24S15050

ManufacturerPart #DatasheetDescription
logo
Power-One
Q24T15050-PBA0 POWER-ONE-Q24T15050-PBA0 Datasheet
331Kb / 14P
   Q24T15050 DC-DC Converter Data Sheet 18-36 VDC Input; 5 VDC @ 15A Output
logo
Wall Industries,Inc.
LANC242.5W12 WALL-LANC242.5W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 2.5 VDC Output at 3.5A
LANC243.3W12 WALL-LANC243.3W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 3.3 VDC Output at 3.5A
LANC2415W12 WALL-LANC2415W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 15 VDC Output at 0.8A
LANC2412DW12 WALL-LANC2412DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.5A
LANC2412W12 WALL-LANC2412W12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 12 VDC Output at 1.0A
LANC2415DW8 WALL-LANC2415DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹15 VDC Output at 짹0.267A
LANC2405DW12 WALL-LANC2405DW12 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹5.0 VDC Output at 짹1.2A
LANC2412DW8 WALL-LANC2412DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹12 VDC Output at 짹0.333A
LANC2405DW8 WALL-LANC2405DW8 Datasheet
1Mb / 14P
   DC/DC Converter 18-36 VDC Input 짹5.0 VDC Output at 짹0.8A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com