Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4P7470-1072T Datasheet(PDF) 1 Page - Tyco Electronics

Part # MA4P7470-1072T
Description  Non Magnetic MELF PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4P7470-1072T Datasheet(HTML) 1 Page - Tyco Electronics

  MA4P7470-1072T Datasheet HTML 1Page - Tyco Electronics MA4P7470-1072T Datasheet HTML 2Page - Tyco Electronics MA4P7470-1072T Datasheet HTML 3Page - Tyco Electronics MA4P7470-1072T Datasheet HTML 4Page - Tyco Electronics MA4P7470-1072T Datasheet HTML 5Page - Tyco Electronics MA4P7470-1072T Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or
information contained herein without notice.
Non Magnetic MELF PIN Diode
Rev. V2
MA4P7470F-1072T
ADVANCED:
Data Sheets contain information regarding a product M/A-COM is considering for
development. Performance is based on target specifications, simulated results, and/or prototype
measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM has under
development. Performance is based on engineering tests. Specifications are typical. Mechanical
outline has been fixed. Engineering samples and/or test data may be available. Commitment to
produce in volume is not guaranteed.
Designed for Automated Assembly
Features
• Non-Magnetic Package Suitable for MRI
Applications
• Rectangular MELF SMQ Ceramic Package
• Hermetically Sealed
• Low Rs for Low Insertion Loss
• Long τ
L for Low Intermodulation Distortion
• Low Cj for High Series Isolation
• High Average Incident Power Handling
Capability
• RoHS Compliant
Description and Applications
The MA4P7470F-1072T is a surface mountable
PIN diode in a non-magnetic Metal Electrode
L
eadless Faced (MELF) package. The device
incorporates M/A-COM Technology Solutions time
proven HIPAX technology to produce a low
inductance ceramic package with no ribbons or
whisker wires. The package utilizes M/A-COM
Technology Solutions new non-magnetic plating
process to provide a hermetically sealed package
with extremely low permeability. Incorporated within
the package is a glass passivated PIN chip that is
full face bonded on both the cathode and anode to
maximize surface area for low electrical and
thermal resistance. The low thermal resistance
provides excellent performance at high incident
power levels of up to 200 watts CW. The
MA4P7470F-1072T has been comprehensively
characterized both electrically and mechanically to
ensure repeatable and predictable performance.
The MA4P7470F-1072T is a non-magnetic device
which has similar electrical performance to its
magnetic counterpart the MA4P7417F-1072T. The
diode is well suited for use in low loss, low
distortion, high power switching circuits. It was
designed to be used in a high magnetic field
environment from HF through UHF frequencies.
This device is designed to meet the most rigorous
electrical and mechanical requirements of MRI
environments.
MELF PIN diodes are designed for high volume tape
and reel assembly. The rectangular package design
is excellent for automatic pick and place assembly
methods. The parallel flat surfaces are suitable for
key jaw or vacuum pickup techniques. All solderable
surfaces are tin plated and compatible with industry
standard reflow and vapor phase soldering methods.
Absolute Maximum Ratings
1 @ +25°C
Parameter
Absolute Maximum
Operating Temperature
-65°C to +125°C
Storage Temperature
-65°C to +150°C
Chip Junction Temperature
+175°C Continuous
Diode Mounting Temperature
+265°C for 10 seconds
Forward D.C. Current
+150 mA
Reverse D.C. Voltage @ -10uA
- 800V
RF C.W. Incident Power
+53dBm C.W.
1. Exceeding any of these limits may cause permanent
damage.


Similar Part No. - MA4P7470-1072T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MA4P7470-1072T MA-COM-MA4P7470-1072T Datasheet
109Kb / 6P
   Non Magnetic MELF PIN Diode
More results

Similar Description - MA4P7470-1072T

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MADP-011034-10720T MA-COM-MADP-011034-10720T_15 Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
MA4P7435NM-1091T MA-COM-MA4P7435NM-1091T Datasheet
104Kb / 4P
   Non Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T_15 Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-011034-10720T MA-COM-MADP-011034-10720T Datasheet
338Kb / 4P
   Non-Magnetic MELF PIN Diode
MADP-000404-10720T MA-COM-MADP-000404-10720T Datasheet
150Kb / 3P
   Non Magnetic MELF PIN Diode
MADP-000504-10720T MA-COM-MADP-000504-10720T Datasheet
303Kb / 6P
   Non Magnetic MELF PIN Diode
MADP-000235-10720T MA-COM-MADP-000235-10720T Datasheet
118Kb / 3P
   Non-Magnetic MELF PIN Diode
MADP-000504-10720T MA-COM-MADP-000504-10720T_15 Datasheet
303Kb / 6P
   Non Magnetic MELF PIN Diode
MADP-000235-10720T MA-COM-MADP-000235-10720T Datasheet
223Kb / 3P
   Non-Magnetic MELF PIN Diode
MA4P7470-1072T MA-COM-MA4P7470-1072T Datasheet
109Kb / 6P
   Non Magnetic MELF PIN Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com