Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA4PK2004 Datasheet(PDF) 8 Page - Tyco Electronics

Part # MA4PK2004
Description  2000 Volt & 3000 Volt PIN Diodes MA4PK200X & MA4PK300X
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MA4PK2004 Datasheet(HTML) 8 Page - Tyco Electronics

  MA4PK2004 Datasheet HTML 1Page - Tyco Electronics MA4PK2004 Datasheet HTML 2Page - Tyco Electronics MA4PK2004 Datasheet HTML 3Page - Tyco Electronics MA4PK2004 Datasheet HTML 4Page - Tyco Electronics MA4PK2004 Datasheet HTML 5Page - Tyco Electronics MA4PK2004 Datasheet HTML 6Page - Tyco Electronics MA4PK2004 Datasheet HTML 7Page - Tyco Electronics MA4PK2004 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
2000 Volt & 3000 Volt PIN Diodes
MA4PK200X & MA4PK300X
V10
KILOVOLT™ Series
8
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Case Styles
Black Dot Denotes Cathode
MA4PK3003
CASE STYLE 1085
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.468
.485
11.9
12.3
B
.385
.410
9.8
10.4
C
.390
.400
9.90
10.1
D
.030
.045
0.76
1.14
E
.422
.452
10.72
11.48
F
.805
.820
20.45
20.83
G
.490
.500
12.45
12.70
H
.155
.175
3.94
4.45
J
.120
.130
3.05
3.30
K
.022
.026
.559
.660
L
.190
.205
4.83
5.21
M
.060
.065
1.52
1.65
N
CGND = 1.1Pf
CP = .75 Pf
LS = 3 nH
10-32 UNF-2A
MA4PK3004
CASE STYLE 1075
DIM
INCHES
MILLIMETERS
MIN
MAX
MIN
MAX
A
.468
.485
11.9
12.3
B
.385
.410
9.8
10.4
C
.390
.400
9.90
10.1
D
.030
.045
0.76
1.14
E
.422
.452
10.72
11.48
F
.805
.820
20.45
20.83
G
.490
.500
12.45
12.70
H
.155
.175
3.94
4.45
J
.120
.130
3.05
3.30
K
.022
.026
.559
.660
N
10-32 UNF-2A
CGND = 1.1Pf
CP = .75 Pf
LS = 3 nH


Similar Part No. - MA4PK2004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4PK2004 MACOM-MA4PK2004 Datasheet
546Kb / 4P
   2000 Volt and 3000 Volt PIN Diodes
MA4PK2004 MACOM-MA4PK2004 Datasheet
280Kb / 8P
   2000 Volt and 3000 Volt PIN Diodes
logo
M/A-COM Technology Solu...
MA4PK2004 MA-COM-MA4PK2004 Datasheet
242Kb / 8P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK2004 MA-COM-MA4PK2004 Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK2004 MA-COM-MA4PK2004 Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
More results

Similar Description - MA4PK2004

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
KILOVOLT MA-COM-KILOVOLT Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK2000 MA-COM-MA4PK2000 Datasheet
242Kb / 8P
   2000 Volt & 3000 Volt PIN Diodes
MA4PK200X MA-COM-MA4PK200X Datasheet
841Kb / 9P
   2000 Volt & 3000 Volt PIN Diodes
logo
Tyco Electronics
MA4PK3000 MACOM-MA4PK3000 Datasheet
546Kb / 4P
   2000 Volt and 3000 Volt PIN Diodes
MA4PK2000 MACOM-MA4PK2000_1 Datasheet
280Kb / 8P
   2000 Volt and 3000 Volt PIN Diodes
logo
M/A-COM Technology Solu...
MA4P7470F-1072T MA-COM-MA4P7470F-1072T Datasheet
84Kb / 7P
   2000 Volt & 3000 Volt PIN Diodes MA4PK2000, MA4PK3000
logo
American Microsemicondu...
1N270 AMMSEMI-1N270 Datasheet
197Kb / 1P
   GERMANIUM DIODES 100 VOLT
logo
Extech Instruments Corp...
382400 EXTECH-382400 Datasheet
220Kb / 9P
   Flexible AC Clamp Meter 3000 Amp / 600 Volt
logo
Micro Commercial Compon...
1N914 MCC-1N914 Datasheet
86Kb / 3P
   500mW 100 Volt Silicon Epitaxial Diodes
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A Datasheet
122Kb / 2P
   30 VOLT ABRUPT JUNCTION VARACTOR DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com