Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH1090-700B Datasheet(PDF) 1 Page - Tyco Electronics

Part # PH1090-700B
Description  Avionics Pulsed Power Transistor 700W, 1030-1090 MHz, 32關s Pulse, 2% Duty
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PH1090-700B Datasheet(HTML) 1 Page - Tyco Electronics

  PH1090-700B Datasheet HTML 1Page - Tyco Electronics PH1090-700B Datasheet HTML 2Page - Tyco Electronics PH1090-700B Datasheet HTML 3Page - Tyco Electronics PH1090-700B Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PH1090-700B
M/A-COM Products
Released, 30 May 07
Avionics Pulsed Power Transistor
700W, 1030-1090 MHz, 32μs Pulse, 2% Duty
1
North America Tel: 800.366.2266 / Fax: 978.366.2266
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• NPN silicon microwave power transistors
• Common base configuration
• Broadband Class C operation
• High efficiency inter-digitized geometry
• Diffused emitter ballasting resistors
• Gold metallization system
• Internal input and output impedance matching
• Hermetic metal/ceramic package
• RoHS Compliant
Outline Drawing
Electrical Specifications: TC = 25 ± 5°C (Room Ambient )
Parameter
Test Conditions
Frequency
Symbol
Min
Max
Units
Collector-Emitter Breakdown Voltage IC = 250mA
BVCES
80
-
V
Collector-Emitter Leakage Current
VCE = 50V
ICES
-
25
mA
Thermal Resistance
Vcc = 50V, Pout = 700W
F = 1030, 1090 MHz
RTH(JC)
-
0.06
°C/W
Input Power
Vcc = 50V, Pout = 700W
F = 1030, 1090 MHz
PIN
-
125
W
Power Gain
Vcc = 50V, Pout = 700W
F = 1030, 1090 MHz
GP
7.5
-
dB
Collector Efficiency
Vcc = 50V, Pout = 700W
F = 1030, 1090 MHz
η
C
50
-
%
Input Return Loss
Vcc = 50V, Pout = 700W
F = 1030, 1090 MHz
RL
-
-10
dB
Load Mismatch Tolerance
Vcc = 50V, Pout = 700W
F = 1030, 1090 MHz
VSWR-T
-
5:1
-
Load Mismatch Stability
Vcc = 50V, Pout = 700W
F = 1030, 1090 MHz
VSWR-S
-
1.5:1
-
Absolute Maximum Ratings at 25°C
Parameter
Symbol
Rating
Units
Collector-Emitter Voltage
VCES
80
V
Emitter-Base Voltage
VEBO
3.0
V
Collector Current (Peak)
IC
70
A
Power Dissipation @ +25°C
PTOT
2.9
kW
Storage Temperature
TSTG
-65 to +200
°C
Junction Temperature
TJ
200
°C


Similar Part No. - PH1090-700B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1090-700B MACOM-PH1090-700B Datasheet
263Kb / 4P
   Avionics Pulsed Power Transistor, 700 Watts,1.03-1.09 GHz, 32 mS Pulse, 2% Duty
logo
M/A-COM Technology Solu...
PH1090-700B MA-COM-PH1090-700B Datasheet
199Kb / 4P
   Avionics Pulsed Power Transistor
PH1090-700B MA-COM-PH1090-700B_17 Datasheet
700Kb / 5P
   Avionics Pulsed Power Transistor
More results

Similar Description - PH1090-700B

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PH1090-75L MACOM-PH1090-75L Datasheet
152Kb / 4P
   Avionics Pulsed Power Transistor 75W, 1030-1090 MHz, 250關s Pulse, 10% Duty
PH1090-75L MACOM-PH1090-75L Datasheet
90Kb / 1P
   AVIONICS PULSED POWER TRANSISTOR 75 WATTS, 1030 - 1090 MHz, 250us PULSE, 10% DUTY
PH1090-550S MACOM-PH1090-550S Datasheet
64Kb / 2P
   Avionics Pulsed Power Transistor - 550 Watts,1030-1090 MHz, 10us Pulse, 1% Duty
PH1090-350L MACOM-PH1090-350L Datasheet
62Kb / 2P
   Avionics Pulsed Power Transistor - 350 Watts,1030-1090 MHz, 250us Pulse, 10% Duty
logo
M/A-COM Technology Solu...
MAPRST1030-1KS MA-COM-MAPRST1030-1KS Datasheet
142Kb / 4P
   Avionics Pulsed Power Transistor 1000W, 1030 MHz, 10關s Pulse, 1% Duty
logo
Tyco Electronics
PH1090-175L MACOM-PH1090-175L_07 Datasheet
146Kb / 4P
   Avionics Pulsed Power Transistor 175W, 1090 MHz, 250關s Pulse, 10% Duty
PH1090-350L MACOM-PH1090-350L_07 Datasheet
143Kb / 4P
   Avionics Pulsed Power Transistor 350W, 1090 MHz, 250關s Pulse, 10% Duty
PH1090-175L MACOM-PH1090-175L Datasheet
41Kb / 2P
   Avionics Pulsed Power Transistor - 175 Watts, 1030-1090 MHz, 250ms Pulse,
logo
HVVi Semiconductors, In...
HVV1011-300 HVVI-HVV1011-300 Datasheet
872Kb / 5P
   L-Band Avionics Pulsed Power Transistor 1030/1090 MHz, 50關s Pulse, 5% Duty For TCAS, IFF and Mode-S Applications
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
   400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com