Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FL37P7-K120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FL37P7-K120
Description  D-Sub Crimp Steckverbinder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FL37P7-K120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FL37P7-K120 Datasheet HTML 1Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 2Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 3Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 4Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 5Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 6Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 7Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 8Page - List of Unclassifed Manufacturers FL37P7-K120 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ALL DIMENSIONS IN MILLIMETERS - VALUES FOR INCHES IN BRACKETS - TECHNICAL DATA SUBJECT TO CHANGE
43
DS 10/2007
Materials and Platings
Materialien und Oberflächen
Series / Baureihe
FL
FU
Insulator
black thermoplastic, glass filled, (UL94V-0)
green, thermoplastic, glass filled (UL94V-0)
Isolierkörper
schwarz, Thermoplast, glasfaserverstärkt,
(UL94V-0)
grün, Thermoplast, glasfaserverstärkt,
(UL94V-0)
Relative temperature index according
to UL 746 B
115 °C (239 °F)
130 °C (266 °F)
Rel. Temperaturindex nach UL 746 B
Heat deflection temperature limit according to
DIN 53461 HDT/A
185 °C (365 °F)
197 °C (386,6 °F)
Formbeständigkeitstemperatur nach DIN
53461 HDT/A
Sub temperature limit
-55 °C (-67 °F)
Untere Grenztemperatur
Shell
Steel
Gehäuse
Stahl
Shell plating (standard)
yellow chromate over zinc plating, pin connector shell without dimples
Not RoHS compliant!
Gehäuseoberfläche (Standard)
verzinkt und gelb chromatiert, Stiftsteckverbindergehäuse ohne Kontaktnoppen
Nicht RoHS konform!
Mechanical Data
Mechanische Daten
Mating force per signal contact
Steckkraft pro Signalkontakt
3,4 N
Unmating force per signal contact
Ziehkraft pro Signalkontakt
0,2 N
Maximum sized suitable cable outer diameter
Maximal verwendbarer Kabelaußendurchmesser
2,2 mm ( 0.087“)
Technical Data
Technische Daten
Electrical Data
Elektrische Daten
Materials and Platings
Materialien und Oberflächen
Mechanical Data
Mechanische Daten
Electrical Data
Elektrische Daten
Current rating
5 A
Maximale Stromstärke
Test voltage between 2 contacts / shell and contact
1200 V / 1 min.
Prüfspannung zwischen 2 Kontakten bzw. Kontakt und Gehäuse
Meets transitional resistance requirements per contact pair in accordance with:
Erfüllt Übergangswiderstand pro Kontaktpaar nach:
- MIL-C-2430 / MIL-C-24308
7,3 m
- DIN 41652 / DIN 41652
10 m
Insulation resistance between contacts
Isolationswiderstand Kontakt / Kontakt
5000 M
Volume resistivity (ASTM-D 257)
1016
Spezifischer Durchgangswiderstand (ASTM-D 257)
cm
Dielectric strength
50 kV / mm
Spezifische Durchschlagsfestigkeit


Similar Part No. - FL37P7-K120

ManufacturerPart #DatasheetDescription
logo
Suzhou HangJing Electro...
FL37S2 HANGJING-FL37S2 Datasheet
327Kb / 1P
   TUNING FORK CRYSTAL UNIT IN SMD 7.5X3.1MM RESIN MOLD PACKAGE
More results

Similar Description - FL37P7-K120

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-FT-X ASSMANN-A-FT-X Datasheet
114Kb / 1P
   HAUBEN FUR D-SUB-STECKVERBINDER
logo
FCI connector
C-DSUB-0071 FCI-CONNECTOR-C-DSUB-0071 Datasheet
223Kb / 1P
   D SUB CRIMP CONNECTOR
8656XXXXLXXX FCI-CONNECTOR-8656XXXXLXXX Datasheet
176Kb / 1P
   D-SUB CRIMP CONNECTOR
logo
Lumberg
ZP1 LUMBERG-ZP1 Datasheet
121Kb / 1P
   Modular-Steckverbinder
logo
HARTING Technology Grou...
09-14-009-3001 HARTING-09-14-009-3001 Datasheet
490Kb / 2P
   Han D-Sub module, crimp male
logo
Adam Technologies, Inc.
DXXX-PR ADAM-TECH-DXXX-PR Datasheet
124Kb / 1P
   D-SUB PLUG CRIMP AND POKE
DXXX-PR-JS ADAM-TECH-DXXX-PR-JS Datasheet
113Kb / 1P
   D-SUB PLUG CRIMP AND POKE
logo
HARTING Technology Grou...
09-14-009-3101 HARTING-09-14-009-3101 Datasheet
487Kb / 2P
   Han D-Sub module, crimp female
logo
Adam Technologies, Inc.
DXXX-SR ADAM-TECH-DXXX-SR Datasheet
126Kb / 1P
   D-SUB SOCKET CRIMP AND POKE
logo
CONEC Elektronische Bau...
3011W1SXK99A30X CONEC-3011W1SXK99A30X Datasheet
195Kb / 1P
   D-SUB COMBINATION FEMALE 11W1S CRIMP STYLE
23.03.2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com