Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS0130UFN2B Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SS0130UFN2B
Description  Fast switching speed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SS0130UFN2B Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SS0130UFN2B Datasheet HTML 1Page - Pan Jit International Inc. SS0130UFN2B Datasheet HTML 2Page - Pan Jit International Inc. SS0130UFN2B Datasheet HTML 3Page - Pan Jit International Inc. SS0130UFN2B Datasheet HTML 4Page - Pan Jit International Inc. SS0130UFN2B Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
June 20,2014-REV.00
SS0130UFN2B
ELECTRICAL CHARACTERISTICS (TA=25
oC unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=10
μATA=25oC30
-
-
V
Instantaneous forward voltage
VF
I F=10mA
I F=100mA
TA=25oC
-
-
0.33
0.74
0.37
1
V
I F=10mA
I F=100mA
TA=125oC
-
-
0.22
0.71
-
-
V
Reverse current
I R
VR=10V
TA=25oC-
-
3
μA
VR=30V
TA=25oC
TA=125oC
-
-
-
500
6
-
μA
μA
0
20
40
60
80
100
120
0
25
50
75
100
125
150
T
A, Ambient Temperature (°C)
0.1
1
10
100
1000
10000
10
20
30
40
50
60
70
80
90
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 25°C
T
J = 75°C
T
J = 125°C
T
J = 150°C
Fig.3 Typical Reverse Characteristics
Fig.4 Typical Forward Characteristics
Fig.1 Forward Current Derating Curve
Fig.2 Typical Junction Capacitance
0
1
10
0.1
1
10
100
V
R, Reverse Bias Voltage (V)
1
10
100
0
0.2
0.4
0.6
0.8
V
F, Forward Voltage (V)
T
J = 150°C
T
J = 125°C
T
J = 25°C
T
J = 75°C


Similar Part No. - SS0130UFN2B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SS0130UFN2B PANJIT-SS0130UFN2B_16 Datasheet
236Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER
SS0130UFN2B_R1_00001 PANJIT-SS0130UFN2B_R1_00001 Datasheet
236Kb / 6P
   SURFACE MOUNT SCHOTTKY BARRIER
More results

Similar Description - SS0130UFN2B

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N3004W SURGE-1N3004W Datasheet
393Kb / 3P
   fast switching speed
logo
Diodes Incorporated
BAW101-7 DIODES-BAW101-7 Datasheet
79Kb / 4P
   Fast Switching Speed
logo
SHENZHEN YONGERJIA INDU...
MMBD4448AQW WINNERJOIN-MMBD4448AQW Datasheet
133Kb / 2P
   Fast Switching Speed
logo
Inchange Semiconductor ...
2SK1879 ISC-2SK1879 Datasheet
60Kb / 2P
   Fast Switching Speed
4N90 ISC-4N90 Datasheet
65Kb / 2P
   Fast Switching Speed
6N25 ISC-6N25 Datasheet
65Kb / 2P
   Fast Switching Speed
8N90 ISC-8N90 Datasheet
58Kb / 2P
   Fast Switching Speed
9N40 ISC-9N40 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
Nanjing International G...
BAV19WS DGNJDZ-BAV19WS Datasheet
100Kb / 3P
   Fast switching speed
BAV23A DGNJDZ-BAV23A Datasheet
308Kb / 1P
   Fast Switching Speed
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com