Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HF75914 Datasheet(PDF) 2 Page - 3M Electronics

Part # HF75914
Description  3M Round, Jacketed, Flat Cable
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

HF75914 Datasheet(HTML) 2 Page - 3M Electronics

  HF75914 Datasheet HTML 1Page - 3M Electronics HF75914 Datasheet HTML 2Page - 3M Electronics HF75914 Datasheet HTML 3Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
3
Interconnect Solutions
http://www.3Mconnectors.com
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3MRound, Jacketed, Flat Cable
.050" 28 AWG Stranded, Mass-Term, Halogen Free PO/PO
HF759 Series
TS-2336-D
Sheet 2 of 2
Ordering Information
HF759/XX XX XX
Inch
[mm]
Tolerance Unless Noted
.0
.00
.000
Inch
±.1
±.05 ±.010
[ ] Dimensions for Reference Only
Note: Available in standard 275 ft rolls. Contact 3M for availability of
additional conductor counts and/or custom roll lengths.
Number of Conductors
(See Table)
Blank = Standard
SF = Splice Free
Number of
Conductors 3M Part Number
Dimension A
Dimension B
(See Note 2)
09
HF759/09
0.26 [ 6.6 ]
0.40 [ 10.2 ]
10
HF759/10
0.26 [ 6.6 ]
0.45 [ 11.4 ]
14
HF759/14
0.27 [ 6.9 ]
0.65 [ 16.5 ]
15
HF759/15
0.27 [ 6.9 ]
0.70 [ 17.8 ]
16
HF759/16
0.27 [ 6.9 ]
0.75 [ 19.1 ]
20
HF759/20
0.30 [ 7.6 ]
0.95 [ 24.1 ]
24
HF759/24
0.33 [ 8.4 ]
1.15 [ 29.2 ]
25
HF759/25
0.33 [ 8.4 ]
1.20 [ 30.5 ]
26
HF759/26
0.33 [ 8.4 ]
1.25 [ 31.8 ]
30
HF759/30
0.37 [ 9.4 ]
1.45 [ 36.8 ]
34
HF759/34
0.37 [ 9.4 ]
1.65 [ 41.9 ]
36
HF759/36
0.39 [ 9.9 ]
1.75 [ 44.5 ]
37
HF759/37
0.39 [ 9.9 ]
1.80 [ 45.7 ]
40
HF759/40
0.39 [ 9.9 ]
1.95 [ 49.5 ]
50
HF759/50
0.44 [ 11.2 ]
2.45 [ 62.2 ]
60
HF759/60
0.47 [ 11.9 ]
2.95 [ 74.9 ]
64
HF759/64
0.50 [ 12.7 ]
3.15 [ 80.0 ]
Notes:
1. Blue marking on one edge of primary cable designates wire #1.
2. Dimension B pertains to bonded area only.
ØA
B
Bonded
Split
1.0 Ref.
[25]
28 AWG, 7X 36 AWG [7X Ø 0.127]
PO Primary Insulation
Polyester Film
2.4 Ref
[61]
Mylar
[Mfgr. Option]
0.028 [0.71] Min.
Thickness PO Jacket
.050 Typ
[1.27]
Tinned Stranded Copper Conductors
Blank = Standard
SO = Continuously Bonded Wire
(No Split)
(RIA E1 & C1 apply)


Similar Part No. - HF75914

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
HF75-12 ASI-HF75-12 Datasheet
20Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF75-12 ASI-HF75-12 Datasheet
22Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF75-12 ASI-HF75-12_1 Datasheet
22Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF75-28F ASI-HF75-28F Datasheet
18Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
HF75-28S ASI-HF75-28S Datasheet
17Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - HF75914

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3659 3M-3659 Datasheet
258Kb / 2P
   3M Round, Shielded/Jacketed, Flat Cable
3600X 3M-3600X Datasheet
1Mb / 5P
   3M??Round, Shielded/Jacketed, Disc. Wire Cable
3659 3M-3659 Datasheet
35Kb / 2P
   050, Round, Shielded/Jacketed, Flat Cable
3365-SERIES 3M-3365-SERIES Datasheet
1Mb / 5P
   3M??Round Conductor Flat Cable
HF625 3M-HF625 Datasheet
917Kb / 3P
   3M??Round Conductor Flat Cable
3625 3M-3625 Datasheet
830Kb / 6P
   3M??Round Conductor Flat Cable
3609 3M-3609 Datasheet
1Mb / 5P
   3M??Round Conductor Flat Cable
M3KKK-3006J 3M-M3KKK-3006J Datasheet
1Mb / 5P
   3M Round Conductor Flat Cable
3749-SERIES 3M-3749-SERIES Datasheet
956Kb / 3P
   3M??Round Conductor Flat Cable
3896 3M-3896 Datasheet
752Kb / 5P
   3M??Round, Jacketed, Flat Cable .025 30 AWG Stranded, Mass-Term, PVC/PVC
May 14, 2009
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com