Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6601BCBZA Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP6601BCBZA
Description  Drives Two N-Channel MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6601BCBZA Datasheet(HTML) 4 Page - Intersil Corporation

  HIP6601BCBZA Datasheet HTML 1Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 2Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 3Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 4Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 5Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 6Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 7Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 8Page - Intersil Corporation HIP6601BCBZA Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
FN9072.8
May 1, 2012
Absolute Maximum Ratings
Supply Voltage (VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Supply Voltage (PVCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VCC + 0.3V
BOOT Voltage (VBOOT - VPHASE). . . . . . . . . . . . . . . . . . . . . . . . . . . .15V
Input Voltage (VPWM) . . . . . . . . . . . . . . . . . . . . . . . . . . GND - 0.3V to 7V
UGATE . . . . . . . . . . VPHASE - 5V(<400ns pulse width) to VBOOT + 0.3V
. . . . . . . . . . . . . . . VPHASE -0.3V(>400ns pulse width) to VBOOT + 0.3V
LGATE . . . . . . . . . . . . . GND - 5V(<400ns pulse width) to VPVCC + 0.3V
. . . . . . . . . . . . . . . . . . GND -0.3V(>400ns pulse width) to VPVCC + 0.3V
PHASE . . . . . . . . . . . . . . . . . . . . . . GND -5V(<400ns pulse width) to 15V
. . . . . . . . . . . . . . . . . . . . . . . . . . .GND -0.3V(>400ns pulse width) to 15V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7). . . . . . . . .3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . . . . . .200V
Thermal Information
Thermal Resistance
θ
JA (°C/W)
θ
JC (°C/W)
SOIC Package (Note 3). . . . . . . . . . . . . . . .
97
N/A
EPSOIC Package (Note 4) . . . . . . . . . . . . .
38
N/A
QFN Package (Notes 4, 5) . . . . . . . . . . . . .
48
10
Maximum Junction Temperature (Plastic Package) . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . . . . . .-65°C to 150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
For Recommended soldering conditions see Tech Brief TB389.
Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 85°C
Maximum Operating Junction Temperature . . . . . . . . . . . . . . . . . . . 125°C
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
±10%
Supply Voltage Range, PVCC . . . . . . . . . . . . . . . . . . . . . . . . . . .5V to 12V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
3.
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
4.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
5. For
θ
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted. Boldface limits apply over the operating temperature
range, 0°C to +85°C
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNITS
VCC SUPPLY CURRENT
Bias Supply Current
IVCC
HIP6601B, fPWM = 1MHz, VPVCC = 12V
-
4.4
6.2
mA
HIP6603B, fPWM = 1MHz, VPVCC = 12V
-
2.5
3.6
mA
Upper Gate Bias Current
IPVCC
HIP6601B, fPWM = 1MHz, VPVCC = 12V
-
200
430
μA
HIP6603B, fPWM = 1MHz, VPVCC = 12V
-
1.8
3.3
mA
POWER-ON RESET
VCC Rising Threshold
9.7
9.95
10.4
V
VCC Falling Threshold
7.3
7.6
8.0
V
PWM INPUT
Input Current
IPWM
VPWM = 0V or 5V (See “Block Diagrams” on
page 2)
-500
-
μA
PWM Rising Threshold
-3.6
-
V
PWM Falling Threshold
-1.45
-
V
UGATE Rise Time
tRUGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
LGATE Rise Time
tRLGATE
VPVCC = 12V, 3nF Load
-
50
-
ns
UGATE Fall Time
tFUGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
LGATE Fall Time
tFLGATE
VPVCC = 12V, 3nF Load
-
20
-
ns
UGATE Turn-Off Propagation Delay
tPDLUGATE VPVCC = 12V, 3nF Load
-
30
-
ns
LGATE Turn-Off Propagation Delay
tPDLLGATE VPVCC = 12V, 3nF Load
-
20
-
ns
Shutdown Window
1.4
-
3.6
V
Shutdown Holdoff Time
-230
-
ns
HIP6601B, HIP6603B, HIP6604B


Similar Part No. - HIP6601BCBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
261Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
HIP6601BCBZA INTERSIL-HIP6601BCBZA Datasheet
258Kb / 12P
   Synchronous Rectified Buck MOSFET Drivers
May 1, 2012
logo
Renesas Technology Corp
HIP6601BCBZA RENESAS-HIP6601BCBZA Datasheet
682Kb / 14P
   Synchronous Rectified BuckMOSFET Drivers
More results

Similar Description - HIP6601BCBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP6004ECB-T INTERSIL-HIP6004ECB-T Datasheet
507Kb / 13P
   Drives two N-Channel MOSFETs
HIP2100IRZT INTERSIL-HIP2100IRZT Datasheet
392Kb / 12P
   Drives N-Channel MOSFET Half Bridge
logo
Hi-Sincerity Mocroelect...
HSK2474J HSMC-HSK2474J Datasheet
51Kb / 5P
   N-Channel MOSFETs
HSK2474I HSMC-HSK2474I Datasheet
51Kb / 5P
   N-Channel MOSFETs
HIRF630 HSMC-HIRF630 Datasheet
53Kb / 5P
   N-Channel MOSFETs
logo
Texas Instruments
TPS92690-Q1 TI1-TPS92690-Q1 Datasheet
1Mb / 41P
[Old version datasheet]   N-Channel Controller for Dimmable LED Drives
logo
International Rectifier
IRF6723M2DPBF IRF-IRF6723M2DPBF_15 Datasheet
271Kb / 10P
   Replaces Two Discrete MOSFETs
logo
Samsung semiconductor
IRF130 SAMSUNG-IRF130 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF140 SAMSUNG-IRF140 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
IRF530 SAMSUNG-IRF530 Datasheet
354Kb / 6P
   N-CHANNEL POWER MOSFETS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com