Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR1650 Datasheet(PDF) 1 Page - Formosa MS

Part # SR1650
Description  16.0 AMP SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

SR1650 Datasheet(HTML) 1 Page - Formosa MS

  SR1650 Datasheet HTML 1Page - Formosa MS SR1650 Datasheet HTML 2Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16.0 AMP SCHOTTKY BARRIER RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature uniess otherwies specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
See Fig. 1
FEATURES
MECHANICAL DATA
Peak Forward Surge Current, 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Maximum Instantaneous Forward Voltage per Leg at 8.0A
Maximum DC Reverse Current
Ta=25 C
at Rated DC Blocking Voltage
Ta=100 C
Typical Junction Capacitance (Note1)
16
150
10
100
3.0
V
V
A
A
V
mA
mA
pF
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0V D.C.
2. Thermal Resistance Junction to Case.
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
* Epitaxial construction
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Lead solderable per MIL-STD-202,
method 208 guranteed
* Polarity: As Marked
* Mounting position: Any
* Weight: 2.24 grams
SR1620 THRU SR1660
16.0 Amperes
UNITS
V
Typical Thermal Resistance R
qJC (Note 2)
0.65
0.75
700
460
14
21
24
28
31
35
42
20
30
35
40
45
50
60
20
30
35
40
45
50
60
SR1620 SR1630
SR1635 SR1640 SR1645
SR1650 SR1660
-65
+125
-65
+150
-65
+150
VOLTAGE RANGE
20 to 60 Volts
CURRENT
Operating
Storage Temperature Range TSTG
Temperature Range TJ
TO-220
Dimensions in inches and (millimeters)
.412
.248
.180
.050
.120
.158
.595
.550
.100
.051
.040
.108
(10.5)
(6.3)
(4.6)
(1.27)
(3.05)
(4.0)
(15.1)
(14.0)
(2.54)
(1.3)
(1.0)
(2.75)
MAX.
MAX.
MAX.
MIN.
MAX.
MAX.
3.8 +.2
HOLE THRU
f
+
PIN 1
PIN 1
PIN 3
PIN 3
PIN 2
PIN 2
CASE
CASE
Positive CT
Suffix "C"
Negative CT
Suffix "A"
C
C
C/W


Similar Part No. - SR1650

ManufacturerPart #DatasheetDescription
logo
Bytes
SR1650 BYTES-SR1650 Datasheet
172Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SR1650 TSC-SR1650 Datasheet
580Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
SR1650 SAMYANG-SR1650 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR1650 CHENYI-SR1650 Datasheet
145Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Taiwan Semiconductor Co...
SR1650 TSC-SR1650 Datasheet
187Kb / 2P
   16.0AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR1650

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SR1620 UNIOHM-SR1620 Datasheet
72Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Goodwork Semiconductor ...
SR16150CT GWSEMI-SR16150CT Datasheet
71Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF16150CT GWSEMI-SRF16150CT Datasheet
72Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
SRF1620CT GWSEMI-SRF1620CT Datasheet
73Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
SR1620CT GWSEMI-SR1620CT Datasheet
73Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Bytes
SR1620 BYTES-SR1620 Datasheet
172Kb / 2P
   16.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBR1635 TSC-MBR1635 Datasheet
61Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
MBR1635 TSC-MBR1635_11 Datasheet
247Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SRA1620 TSC-SRA1620 Datasheet
50Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
SR1620PT TSC-SR1620PT_1 Datasheet
221Kb / 2P
   16.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com