Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B70SR24125A Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # B70SR24125A
Description  24V Output DC/DC Converter, Box Type Package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

B70SR24125A Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button B70SR24125A Datasheet HTML 2Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 3Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 4Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 5Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 6Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 7Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 8Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 9Page - Delta Electronics, Inc. B70SR24125A Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS_B70SR24125_10222013
E-mail DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P6
DESIGN CONSIDERATIONS
Parallel connection of multiple units
Two units parallel operation is verified, please contact Delta if more than two units need to be paralleled.
While parallelling multiple units, the impedance of the cables from unit to junction point of each unit should be
within
±5% of each other.
Figure 14: suggested parallel connections
EMC
The converter has the internal EMI filters and meet the EMC standards EN12895 30-1000MHz
34-45dBuV/m.The test result is showed as below
Conditions: Vin=72V, Io=12.5A, 10m measure distance
0
10
20
30
40
50
60
70
80
30 M
50
60
80
10 0M
20 0
30 0
40 0
50 0
80 0
1G
Figure 15: test result(Vertical)
0
10
20
30
40
50
60
70
80
30 M
50
60
80
10 0M
20 0
30 0
40 0
50 0
80 0
1G
Figure 16: test result(Horizontal)
Unit1
Unit2
Load
Unit1
Unit2
Load


Similar Part No. - B70SR24125A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
B70SR12424A DELTA-B70SR12424A Datasheet
716Kb / 11P
   12V Output DC/DC Converter, Box Type Package
More results

Similar Description - B70SR24125A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
B62SR24125A DELTA-B62SR24125A Datasheet
1,019Kb / 13P
   24V Output DC/DC Converter, Box Type Package
B40SR12424A DELTA-B40SR12424A Datasheet
1Mb / 17P
   12V Output DC/DC Converter, Box Type Package
B62SR12424A DELTA-B62SR12424A Datasheet
862Kb / 12P
   12V Output DC/DC Converter, Box Type Package
B70SR12424A DELTA-B70SR12424A Datasheet
716Kb / 11P
   12V Output DC/DC Converter, Box Type Package
PACSR24021 DELTA-PACSR24021 Datasheet
778Kb / 7P
   24V Output AC/DC Converter, Module Package
PACSR24012 DELTA-PACSR24012 Datasheet
785Kb / 7P
   24V Output AC/DC Converter, Module Package
logo
MORNSUN Science& Techno...
E0305KS-1W5 MORNSUN-E0305KS-1W5 Datasheet
166Kb / 2P
   OUTPUT SIP PACKAGE DC-DC CONVERTER
logo
PULS GmbH
CD10.241 PULS-CD10.241 Datasheet
616Kb / 25P
   DC/DC Converter 24V/24V, 10A, 240W
QS10.241-60 PULS-QS10.241-60 Datasheet
765Kb / 27P
   24V, 200W, DC/DC CONVERTER
CP10.241-60 PULS-CP10.241-60 Datasheet
787Kb / 27P
   24V, 200W, DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com