Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSML-A431-X90M1 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSML-A431-X90M1
Description  Surface Mount LED Indicator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSML-A431-X90M1 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HSML-A431-X90M1 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSML-A431-X90M1 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
Absolute Maximum Ratings (TA=25°C)
Parameters
HSMC/A
HSMV
HSMK/M/N
DC Forward Current [1]
70 mA
70 mA
30 mA
Peak Forward Current [2]
200 mA
200 mA
90 mA
Power Dissipation
180 mW
240 mW
114 mW
Reverse Voltage
5V
5V
4V
Junction Temperature
110 °C
Operating Temperature
- 40 °C to + 100 °C
Storage Temperature
- 40 °C to + 100 °C
Notes:
1. Derate linearly as shown in Figure 4.
2. Duty factor = 10%, Frequency = 1kHz
Optical Characteristics (TA = 25 °C)
Color
Part Number
Dice
Technology
Peak
Wavelength
lPEAK (nm)
Dominant
Wavelength
lD[1] (nm)
Viewing Angle
2
q½[2]
(Degrees)
Luminous
Efficacy
hV [3] (lm/W)
Typical
Typical
Typical
Typical
Red
HSMC-A43x
AlInGaP
635
626
30
150
Red
Orange
HSMJ-A43x
AlInGaP
621
615
30
240
HSMV-A430
AlInGaP
623
617
30
263
Orange
HSML-A431
AlInGaP
609
605
30
320
Amber
HSMA-A43x
AlInGaP
592
590
30
480
Green
HSMM-A430
InGaN
518
525
30
500
Blue
HSMN-A43X
InGaN
468
470
30
75
Cyan
HSMK-A43X
InGaN
500
502
30
285
Notes:
1. The dominant wavelength,
lD, is derived from the CIE Chromaticity Diagram and represents the color of the device.
2.
q½ is the off-axis angle where the luminous intensity is ½ the peak intensity.
3. Radiant intensity, Ie in watts / steradian, may be calculated from the equation Ie = IV / hV, where IV is the luminous intensity in candelas and hV is
the luminous efficacy in lumens / watt.
Electrical Characteristics (TA = 25 °C)
Part Number
Forward Voltage VF (Volts)@IF=50 mA
Reverse Voltage VR@100mA
Reverse Voltage VR@10mA
Minimum
Typical
Maximum
Minimum
Minimum
HSMC/J/L/A
1.7
2.2
2.5
5
-
HSMV
1.7
2.8
3.4
5
-
Part Number
Forward Voltage VF (Volts)@IF=30 mA
Reverse Voltage VR@100mA
Reverse Voltage VR@10mA
Minimum
Typical
Maximum
Minimum
Minimum
HSMK/M/N
2.7
3.9
4.6
-
5


Similar Part No. - HSML-A431-X90M1

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSML-A431-X90M1 AVAGO-HSML-A431-X90M1 Datasheet
584Kb / 10P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
HSML-A431-X90M1 BOARDCOM-HSML-A431-X90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
HSML-A431-X90M1 BOARDCOM-HSML-A431-X90M1 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSML-A431-X90M1

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com