Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMN-A430-V50M2 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMN-A430-V50M2
Description  Surface Mount LED Indicator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMN-A430-V50M2 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HSMN-A430-V50M2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HSMN-A430-V50M2 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Description
The Power PLCC-4 SMT LED with Lens are high-perfor-
mance PLCC-4 package size SMT LEDs targeted mainly in
Automotive & Electronics Signs and Signals (ESS) markets.
These top-mount single-chip packages with focused radia-
tion offer high brightness in beam direction and are excel-
lent for interior automotive, indoor and outdoor sign and
industrial applications. With additional lens in 30
° variants,
these products are especially fitting to applications for
traffic lights, CHMSL and displays.
The PLCC-4 package family is able to dissipate heat better
compared to the PLCC-2 packages. In proportion to this
increase in driving current, this family of LEDs is able to
produce higher light output compared to the convention-
al PLCC-2 SMT LEDs.
As an extension of the standard flat top PLCC-4 SMT LEDs,
the Power PLCC-4 with Lens device is able to provide fo-
cused beams within narrow viewing angles (30
°) meeting
the market’s requirements for focused radiation and high
brightness in beam directions.
The Power PLCC-4 SMT LED with 30
° is ideal for panel,
push button, or general backlighting in automotive interi-
or & exterior, sign, office equipment, industrial equipment
and home appliances applications. This package design
coupled with careful selection of component materials al-
low the Power PLCC-4 SMT LED with Lens to perform with
higher reliability in a larger temperature range -40
°C to
100
°C. This high reliability feature is crucial to allow the
Power PLCC-4 SMT LED with Lens to do well in harsh en-
vironments such as its target Automotive & ESS markets.
The Power PLCC4 SMT LED with Lens package is also de-
signed to be compatible with both IR-solder re-flow and
through-the-wave soldering.
HSMx-A43x-xxxxx
Surface Mount LED Indicator
Data Sheet
Features
• Industry Standard PLCC-4
• High reliability LED package
• High brightness using AllnGaP and InGaN dice tech-
nologies
• High optical efficiency
• Narrow Viewing angle at 30°
• Available in 8mm carrier tape on 7-inch reel
• Compatible with both IR and TTW soldering process
Applications
Interior automotive
• Instrument panel backlighting
• Central console backlighting
• Cabin backlighting
• Navigation and audio system
• Dome lighting
• Push button backlighting
Exterior automotive
• Turn signals
• CHMSL
• Rear Combination Lamp
• Side repeaters
Electronic signs and signals
• Interior and exterior full color sign
• Variable message sign
• Garden lighting
Office automation, home appliances, industrial equipment
• Front panel backlighting
• Push button backlighting
• Display backlighting
CAUTION: HSMN, HSMM-A43x-xxxxx LEDs are Class 2 ESD sensitive. Please observe appropriate precautions
during handling and processing. Refer to Avago Application Note AN-1142 for additional details.


Similar Part No. - HSMN-A430-V50M2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMN-A430-V50M2 BOARDCOM-HSMN-A430-V50M2 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
HSMN-A430-V50M2 BOARDCOM-HSMN-A430-V50M2 Datasheet
889Kb / 13P
   Surface Mount LED Indicator
More results

Similar Description - HSMN-A430-V50M2

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HSMD-TX00 HP-HSMD-TX00 Datasheet
201Kb / 8P
   Surface Mount LED Indicator
HSMS-A100 HP-HSMS-A100 Datasheet
116Kb / 13P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-SBB5-ZT703 AVAGO-ASMT-SBB5-ZT703 Datasheet
557Kb / 9P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-TBBM-NS402 BOARDCOM-ASMT-TBBM-NS402 Datasheet
712Kb / 9P
   Surface-Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-TWBM AVAGO-ASMT-TWBM Datasheet
104Kb / 3P
   Surface Mount LED Indicator
HSMX-A43X-XXXXX AVAGO-HSMX-A43X-XXXXX Datasheet
584Kb / 10P
   Surface Mount LED Indicator
ASMT-SWBM-NXXXX AVAGO-ASMT-SWBM-NXXXX Datasheet
370Kb / 9P
   Surface Mount LED Indicator
ASMT-UBB5-NS8Q2 AVAGO-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
Broadcom Corporation.
ASMT-UBB5-NS8Q2 BOARDCOM-ASMT-UBB5-NS8Q2 Datasheet
285Kb / 8P
   Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMX-A10X-XXXXX AVAGO-HSMX-A10X-XXXXX Datasheet
330Kb / 13P
   Surface Mount LED Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com