Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DC02S1215A Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DC02S1215A
Description  2W DC/DC CONVERTER, DIP-Package, High Isolation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DC02S1215A Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DC02S1215A Datasheet HTML 1Page - Delta Electronics, Inc. DC02S1215A Datasheet HTML 2Page - Delta Electronics, Inc. DC02S1215A Datasheet HTML 3Page - Delta Electronics, Inc. DC02S1215A Datasheet HTML 4Page - Delta Electronics, Inc. DC02S1215A Datasheet HTML 5Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC02S/D Series
2W DC/DC CONVERTER, DIP-Package, High Isolation
DS_DC02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 64%
Regulated Outputs
Short Circuit Protection
High Isolation Voltage 6000VDC
Low Leakage Current
Low Isolation Capacitance
Low Ripple & Noise
Complies with EN55022 Class A
Lead free, RoHs Compliant
3 Years Product Warranty
The DC02S/D series are miniature, DIP Package, isolated 2W DC/DC converters with ultra- high 6,000VDC isolation . It offers short
circuit protection and allows a wide operating temperature range of –25°C to +75°C.These isolated DC/DC converters are the latest
offering from a world leader in power systems technology and manufacturing ― Delta Electronics, Inc. With creative design
technology and optimization of component placement, these converters possess outstanding electrical and thermal performance, as
well as extremely high reliability under highly stressful operating conditions
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load @No Load
Reflected
Ripple
Current
Max.
capacitive
Load
@Max. Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
mA (typ.)
uF
%
DC02S0505A
5
400
645
62
DC02S0512A
12
165
629
63
DC02S0515A
15
133
623
680
64
DC02D0505A
±5
±100
476
42
DC02D0512A
±12
±83
699
57
DC02D0515A
5
(4.5 ~ 5.5)
±15
±66
0
695
100
15
270*
57
DC02S1205A
5
400
269
62
DC02S1212A
12
165
262
63
DC02S1215A
15
133
260
680
64
DC02D1205A
±5
±100
185
45
DC02D1212A
±12
±83
281
59
DC02D1215A
12
(10.8 ~ 13.2)
±15
±66
0
280
50
8
270*
59
DC02S2405A
5
400
134
62
DC02S2412A
12
165
131
63
DC02S2415A
15
133
130
680
64
DC02D2405A
±5
±100
93
45
DC02D2412A
±12
±83
143
58
DC02D2415A
24
(21.6 ~ 26.4)
±15
±66
0
142
30
3
270*
58
* For each output


Similar Part No. - DC02S1215A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DC02S1215A DELTA-DC02S1215A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
More results

Similar Description - DC02S1215A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DK02S DELTA-DK02S Datasheet
318Kb / 4P
   2W DC/DC CONVERTER, DIP Package, High Isolation
DC02S DELTA-DC02S Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
SG02S DELTA-SG02S Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, High isolation
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S Datasheet
232Kb / 4P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
DM03S DELTA-DM03S Datasheet
216Kb / 4P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
DM03S0505A DELTA-DM03S0505A Datasheet
218Kb / 5P
   3W DC/DC CONVERTER, DIP-Package , High Isolation
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com